Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSAV450MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAV450MTC
Description  800MHz Quad SPDT LCD/Plasma Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV450MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAV450MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 7Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 8Page - Fairchild Semiconductor FSAV450MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500896
www.fairchildsemi.com
December 2004
Revised April 2005
FSAV450
800MHz Quad SPDT LCD/Plasma Video Switch
General Description
FSAV450 is a 5V, high performance analog video switch
specially designed for the route of analog RGB signals
especially for applications with minimum cross-talk require-
ments such as LCD panels and plasma TV with dual RGB
or S-video inputs. The wide bandwidth (800MHz) of this
switch allows signal pass with minimum edge and phase
distortion while
75dB non-adjacent channel crosstalk and
60dB OFF Isolation generates ignorable image noise
between active channels. Optimized differential gain and
differential phases maintain the image integrity for video
applications while low On Resistance offers smallest signal
insertion loss.
Features
s
60dB OFF Isolation at 10MHz
s
75dB non-adjacent channel crosstalk at 10MHz
s 4
: typical On Resistance (RON)
s
3dB bandwidth: 800MHz
s Low power consumption (1uA max)
s Control input: TTL compatible
Applications
• RGB Video Switch in LCD,
plasma and projector displays
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Order Number Package Number
Package Description
FSAV450BQX
(Note 1)
MLP016E
Pb-Free 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.5mm
FSAV450QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSAV450MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Similar Part No. - FSAV450MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450MTC FAIRCHILD-FSAV450MTC Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450MTC FAIRCHILD-FSAV450MTC Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results

Similar Description - FSAV450MTC

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Analog Devices
ADG333A AD-ADG333A_15 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A_05 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A Datasheet
124Kb / 8P
   Quad SPDT Switch
REV. 0
ADG333A AD-ADG333A_V01 Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com