Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV2006TIG10 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62UV2006TIG10
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV2006TIG10 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62UV2006TIG10 Datasheet HTML 1Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV2006TIG10 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R0201-BS62UV2006
Revision 1.1
Jan.
2004
1
A17
Ultra Low Power/Voltage CMOS SRAM
256K X 8 bit
• Wide Vcc operation voltage :
C-grade: 1.8V~3.6V
I-grade: 1.9V~3.6V
(Vcc_min.=1.65V at 25oC)
• Ultra low power consumption :
Vcc = 2.0V
C-grade : 8mA (Max.) operating current
I- grade : 10mA (Max.) operating current
0.20uA (Typ.) CMOS standby current
Vcc = 3.0V
C-grade : 11mA (Max.) operating current
I- grade : 13mA (Max.) operating current
0.30uA (Typ.) CMOS standby current
• High speed access time :
-85
85ns (Max.)
-10
100ns (Max.)
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
The BS62UV2006 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 262,144 words by 8 bits
and operates from a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.2uA at 2.0V/25oC and maximum access time of 85ns at 85oC.
Easy memory expansion is provided by an active LOW chip
enable (CE1), an active HIGH chip enable (CE2), and active LOW
output enable (OE) and three-state output drivers.
The BS62UV2006 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62UV2006 is available in DICE form, JEDEC standard 32 pin
450mil Plastic SOP, 8mmx13.4mm STSOP and 8mmx20mm TSOP.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A8 A3 A2 A1
A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A16
A5
A4
A6
A7
A15
A13
8
8
8
8
16
256
2048
1024
20
A14
A12
A9
BS62UV2006
A11
A0
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
A11
A9
A8
A13
WE
CE2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
BS62UV2006TC
BS62UV2006STC
BS62UV2006TI
BS62UV2006STI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
WE
CE1
CE2
BSI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
BS62UV2006SC
BS62UV2006SI
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
• Data retention supply voltage as low as 1.0V
• Easy expansion with CE2, CE1, and OE options
POWER DISSIPATION
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC, Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
C-grade:1.8~3.6V
Vcc=3.0V
Vcc=3.0V
PKG TYPE
BS62UV2006DC
DICE
BS62UV2006TC
TSOP-32
BS62UV2006STC
STSOP-32
BS62UV2006SC
+0 O C to +70 O C
1.8V ~3.6V
85/100
3.0uA
11mA
SOP-32
BS62UV2006DI
DICE
BS62UV2006TI
TSOP-32
BS62UV2006STI
STSOP-32
BS62UV2006SI
-40 O C to +85 O C
1.9V ~ 3.6V
85/100
5.0uA
13mA
SOP-32
Vcc=2.0V
Vcc=2.0V
2.0uA
3.0uA
8mA
10mA
I-grade:1.9~3.6V


Similar Part No. - BS62UV2006TIG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001SC BSI-BS62UV2001SC Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001SI BSI-BS62UV2001SI Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001STC BSI-BS62UV2001STC Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001STI BSI-BS62UV2001STI Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62UV2006TIG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com