Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S25JI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70914S25JI
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S25JI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70914S25JI Datasheet HTML 2Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 3Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 4Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 5Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 6Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 7Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 8Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 9Page - Integrated Device Technology IDT70914S25JI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
Figure 3. Typical Output Derating (Lumped Capacitive Load).
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
AC Test Conditions
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1,2 and 3
3490 tbl 07
3490 drw 06
893
30pF
347
5V
DATAOUT
893
5pF*
347
5V
DATAOUT
3490 drw 05
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
∆tCD
(Typical, ns)
Capacitance (pF)
3490 drw 07
-1
0
- 9pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance
,


Similar Part No. - IDT70914S25JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S25JI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com