Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR14D102K Datasheet(PDF) 4 Page - Ceramate Technical

Part # GNR14D102K
Description  VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

GNR14D102K Datasheet(HTML) 4 Page - Ceramate Technical

  GNR14D102K Datasheet HTML 1Page - Ceramate Technical GNR14D102K Datasheet HTML 2Page - Ceramate Technical GNR14D102K Datasheet HTML 3Page - Ceramate Technical GNR14D102K Datasheet HTML 4Page - Ceramate Technical GNR14D102K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPE
GNR14D□□□
□□□
□□□
□□□K
MODEL
PAGE
4/
5
CITATION
DATE
Oct. 13, 2001
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
B01
4. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
4.0
Standard Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5〜35℃
Relative humidity:
45〜85 % RH
4.1
Maximum Allowable
Voltage
AC : *
*(2) Vrms
DC : *
*(2) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
4.2
Varistor Voltage
V1mA : *
*(2) V
Voltage across the varistor measured at CmA DC.
4.3
Varistor Voltage
Temperature
Coefficient
0 〜
−−−−0.05 %/℃
VCmA at 85℃ - VCmA at 25℃
1
VCmA at 25℃
60
4.4
Max. Clamping
Voltage
*(2) V at
*(2) A
Peak voltage across the varistor with a specified
peak impulse current of
8× 20μs waveform.
4.5
Rated Power
*(2) W
Maximum 50〜60Hz power which may be loaded
for 1,000 hrs at 85± 2℃ with
△VCmA/ VCmA ≦± 10%.
The max. current within the varistor voltage
change of less than ± 10% when one impulse
current (8× 20μs) applied.
4.6
Withstanding Surge
Current
(2) A
The max. current with a varistor voltage change of
less than ± 10% when two times impulse current
(8× 20μs) are applied at intervals of 5 minutes.
4.7
Energy
*(2) Joule
The max. energy absorbed with a varistor voltage
change of less than ± 10% when one impulse(10
× 1000μs) is applied.
4.8
Surge Life
*(2) A
The max. current with a varistor voltage change of
less than ± 10% when 10,000 times impulse
current (8× 20μs) are applied at intervals of 20
seconds at room temperature.
*(2) See Page 5
×
× 100


Similar Part No. - GNR14D102K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR14D101K CERAMATE-GNR14D101K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
More results

Similar Description - GNR14D102K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
logo
Ceramate Technical
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
   Varistor
VRYA15 SHINDENGEN-VRYA15 Datasheet
320Kb / 7P
   Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com