Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2185BM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2185BM
Description  Low Voltage Synchronous Boost PWM Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185BM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2185BM Datasheet HTML 2Page - Micrel Semiconductor MIC2185BM Datasheet HTML 3Page - Micrel Semiconductor MIC2185BM Datasheet HTML 4Page - Micrel Semiconductor MIC2185BM Datasheet HTML 5Page - Micrel Semiconductor MIC2185BM Datasheet HTML 6Page - Micrel Semiconductor MIC2185BM Datasheet HTML 7Page - Micrel Semiconductor MIC2185BM Datasheet HTML 8Page - Micrel Semiconductor MIC2185BM Datasheet HTML 9Page - Micrel Semiconductor MIC2185BM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC2185
Micrel
MIC2185
6
May 2002
412
413
414
415
416
417
418
419
420
421
422
02468
10
12
14
INPUT VOLTAGE (V
INA)
Oscillator Frequency
vs. Input Voltage
V
INP = 12VDC
390
395
400
405
410
415
420
425
TEMPERATURE (
°C)
Oscillator Frequency
vs. Temperature
V
INP = 12VDC
V
INA = 5VDC
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
TEMPERATURE (
°C)
Soft Start Current
vs. Temperature
V
INP = 12VDC
V
INA = 5VDC
0
20
40
60
80
100
120
0
2
4
6
8
10 12 14 16
VINA (V)
Overcurrent Threshold
vs. VINA
V
INP = 12VDC


Similar Part No. - MIC2185BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185BM MICREL-MIC2185BM Datasheet
386Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
More results

Similar Description - MIC2185BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com