Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC2408 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRFIC2408
Description  single chip RF Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2408 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC2408 Datasheet HTML 1Page - Motorola, Inc MRFIC2408 Datasheet HTML 2Page - Motorola, Inc MRFIC2408 Datasheet HTML 3Page - Motorola, Inc MRFIC2408 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MRFIC2408
Ordering Information
Device
Marking
Package
PRFIC2408
2408
QFN-12
Package Information
Plastic Package
Case 1408
(QFN-12)
(Scale 2:1)
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice. © Motorola, Inc., 2002. All rights reserved.
The MRFIC2408 is a single chip RF Power Amplifier intended for 2.4 GHz ISM Band
applications. It can be used to implement Bluetooth™ Class I operation and contains power
control circuitry.
Power Supply Range: 2.7 to 3.6 V
Power Amplifier Enable/Disable Function
Over 20 dB of Power Control
Low Power Shutdown Mode
Figure 1. Simplified Block Diagram
Bias
V
CC1
V
CC2
RF
out
RF
in
V
PC
EN
Product Preview
MRFIC2408PP/D
Rev. 0, 08/2002
2.4 GHz RF Power
Amplifier for Bluetooth™
Applications


Similar Part No. - MRFIC2408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
   2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC2408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2600 MOTOROLA-MRFA2600 Datasheet
169Kb / 4P
   RF POWER AMPLIFIER
MRFA2602 MOTOROLA-MRFA2602 Datasheet
144Kb / 6P
   RF POWER AMPLIFIER
MRFA2604 MOTOROLA-MRFA2604 Datasheet
286Kb / 8P
   RF POWER AMPLIFIER
logo
Communications & Power ...
4CX20-000B CPI-4CX20-000B Datasheet
91Kb / 1P
   RF power amplifier
4CX10-000D CPI-4CX10-000D Datasheet
99Kb / 1P
   RF power amplifier
4CX20-000D CPI-4CX20-000D Datasheet
95Kb / 1P
   RF power amplifier
4CX20-000E CPI-4CX20-000E Datasheet
91Kb / 1P
   RF power amplifier
logo
Panasonic Semiconductor
AN7105 PANASONIC-AN7105 Datasheet
203Kb / 3P
   Single chip stereo pre-amplifier/power amplifier circuit
logo
Communications & Power ...
4CX20-000C CPI-4CX20-000C Datasheet
91Kb / 1P
   RF power amplifier
logo
Panasonic Semiconductor
AN7106K PANASONIC-AN7106K Datasheet
557Kb / 3P
   Single Chip Stereo Pre-amplifier/Power Amplifier Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com