Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC2408PP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRFIC2408PP
Description  single chip RF Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2408PP Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC2408PP Datasheet HTML 1Page - Motorola, Inc MRFIC2408PP Datasheet HTML 2Page - Motorola, Inc MRFIC2408PP Datasheet HTML 3Page - Motorola, Inc MRFIC2408PP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOTOROLA
MRFIC2408 Product Preview
3
Figure 3. Outline Dimensions for QFN-12, 3x3 mm
(Case 1408-01, Issue O)
1.0 1.00
0.05
C
0.1
C
0.05
C SEATING PLANE
4
DETAIL G
VIEW ROTATED 90° CLOCKWISE
(0.5)
(0.24)
0.8 0.75
0.00
G
M
M
PIN 1
INDEX AREA
3
B
C
0.1
2X
2X
C
0.1
A
3
PIN 1 BACKSIDE IDENTIFIER
DETAIL M
DETAIL S
CORNER CONFIGURATION
DETAIL N
(0.25)
4X
(0.741)
8X
(45°)
4X
0.065
0.015
12X
(0.565)
8X
N
EXPOSED DIE
ATTACH PAD
10
3
1
12
0.95
8X
0.5
9
7
64
M
0.1
C
M
0.05
C
A B
12X
0.65
0.40
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 INDEX
1.25
0.95
1.25
C
0.1
A B
12X
0.30
0.18
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3.
THE COMPLETE JEDEC DESIGNATOR FOR THIS PACKAGE
IS: HF-PQFP-N.
4.
COPLANARITY APPLIES TO LEADS, CORNER LEADS, AND
DIE ATTACH PAD.
DETAIL S
PIN 1 BACKSIDE IDENTIFIER
(90°)
2X
2X
0.39
0.31
0.1
0.0


Similar Part No. - MRFIC2408PP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
   2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC2408PP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2600 MOTOROLA-MRFA2600 Datasheet
169Kb / 4P
   RF POWER AMPLIFIER
MRFA2602 MOTOROLA-MRFA2602 Datasheet
144Kb / 6P
   RF POWER AMPLIFIER
MRFA2604 MOTOROLA-MRFA2604 Datasheet
286Kb / 8P
   RF POWER AMPLIFIER
logo
Communications & Power ...
4CX20-000B CPI-4CX20-000B Datasheet
91Kb / 1P
   RF power amplifier
4CX10-000D CPI-4CX10-000D Datasheet
99Kb / 1P
   RF power amplifier
4CX20-000D CPI-4CX20-000D Datasheet
95Kb / 1P
   RF power amplifier
4CX20-000E CPI-4CX20-000E Datasheet
91Kb / 1P
   RF power amplifier
logo
Panasonic Semiconductor
AN7105 PANASONIC-AN7105 Datasheet
203Kb / 3P
   Single chip stereo pre-amplifier/power amplifier circuit
logo
Communications & Power ...
4CX20-000C CPI-4CX20-000C Datasheet
91Kb / 1P
   RF power amplifier
logo
Panasonic Semiconductor
AN7106K PANASONIC-AN7106K Datasheet
557Kb / 3P
   Single Chip Stereo Pre-amplifier/Power Amplifier Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com