Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB25P06G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB25P06G
Description  Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB25P06G Datasheet(HTML) 3 Page - ON Semiconductor

  NTB25P06G Datasheet HTML 1Page - ON Semiconductor NTB25P06G Datasheet HTML 2Page - ON Semiconductor NTB25P06G Datasheet HTML 3Page - ON Semiconductor NTB25P06G Datasheet HTML 4Page - ON Semiconductor NTB25P06G Datasheet HTML 5Page - ON Semiconductor NTB25P06G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTB25P06
http://onsemi.com
3
50
40
30
20
10
0
0.095
0.085
0.075
0.065
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
−ID, DRAIN CURRENT (AMPS)
−ID, DRAIN CURRENT (AMPS)
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1.5
1.75
1.25
1
0.5
100
10
1000
10000
06
4
2
50
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.2
0.15
0.1
40
30
20
0.05
0
10
50
Figure 3. On−Resistance vs. Drain Current and
Temperature
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
−50
50
25
0
−25
75
125
100
28
4
030
40
20
10
50
60
40
30
20
10
0
40
30
20
10
50
150
0.75
810
6
−8 V
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = −10 V
VGS = −10 V
VGS = 0 V
TJ = 150°C
TJ = 125°C
ID = −25 A
VGS = −10 V
−9 V
−7 V
−6 V
−5.5 V
−5 V
−4.5 V
−4.2 V
VGS = −15 V
VGS = −10 V
45
35
25
15
5
TJ = 25°C
TJ = 25°C


Similar Part No. - NTB25P06G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB25P06 ONSEMI-NTB25P06 Datasheet
135Kb / 6P
   Power MOSFET
October, 2011 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTB25P06T4G VBSEMI-NTB25P06T4G Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTB25P06G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
   -60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
   MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
   Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
ACE Technology Co., LTD...
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
   P-Channel 60-V MOSFET
VER 1.1
logo
ON Semiconductor
NTP18N06 ONSEMI-NTP18N06 Datasheet
90Kb / 8P
   Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com