Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S12FB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70914S12FB
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S12FB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70914S12FB Datasheet HTML 3Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 4Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 5Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 6Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 7Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 8Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 9Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 10Page - Integrated Device Technology IDT70914S12FB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3)
(Commercial: VCC = 5V ± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = -55°C to +125°C)
NOTES:
1. Transition is measured 0mV from Low or High impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. Industrial temperature: for specific speeds, packages and powers contact your sales office.
70914S12
Com'l Only
70914S15
Com'l Only
Symbol
Param eter
Min.
Max.
Min.
Max.
Unit
tCYC
Clock Cycle Time
16
____
20
____
ns
tCH
Clock High Time
6
____
6
____
ns
tCL
Clock Low Time
6
____
6
____
ns
tCD
Clock High to Output Valid
____
12
____
15
ns
tS
Registered Signal Set-up Time
4
____
4
____
ns
tH
Registered Signal Hold Time
1
____
1
____
ns
tDC
Data Output Hold After Clock High
3
____
3
____
ns
tCKLZ
Clock High to Output Low-Z(1,2)
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z
(1,2)
____
7
____
7ns
tOE
Output Enable to Output Valid
____
7
____
8ns
tOLZ
Output Enable to Output Low-Z
(1,2)
0
____
0
____
ns
tOHZ
Output Disable to Output High-Z(1,2)
____
7
____
7ns
tSCK
Clock Enable, Disable Set-up Time
4
____
4
____
ns
tHCK
Clock Enable, Disable Hold Time
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock Hig h to Read Data Delay
____
25
____
30
ns
tCSS
Clock-to-Clock Setup Time
____
13
____
15
ns
3490 tbl 08a
70914S20
Com'l &
Military
70914S25
Military
Only
Symbol
Param eter
Min.
Max.
Min.
Max.
Unit
tCYC
Clo c k Cy cle Time
20
____
25
____
ns
tCH
Cloc k High Time
8
____
10
____
ns
tCL
Clo c k Lo w Time
8
____
10
____
ns
tCD
Cloc k High to Outp ut Valid
____
20
____
25
ns
tS
Re gis tered S ig nal S e t-up Time
5
____
6
____
ns
tH
Re gis tered S ig nal Ho ld Time
1
____
1
____
ns
tDC
Data Outp ut Ho ld A fte r Clo ck Hig h
3
____
3
____
ns
tCKLZ
Cloc k High to Outp ut Lo w-Z
(1,2)
2
____
2
____
ns
tCKHZ
Clo c k Hig h to Outp ut Hig h-Z
(1,2)
____
9
____
12
ns
tOE
Outp ut E nab le to Outp ut Valid
____
10
____
12
ns
tOLZ
Outp ut E nab le to Outp ut Lo w-Z
(1,2)
0
____
0
____
ns
tOHZ
Outp ut Dis ab le to Outp ut Hig h-Z
(1,2)
____
9
____
11
ns
tSCK
Cloc k E nab le , Disable S e t-up Time
5
____
6
____
ns
tHCK
Clo c k E nab le , Disab le Ho ld Time
2
____
2
____
ns
Port-to-Port Delay
tCWDD
W rite P o rt Clo ck Hig h to Re ad Data De lay
____
35
____
45
ns
tCSS
Clo c k-to -Clo ck S e tup Tim e
____
15
____
20
ns
3490 tbl 08b


Similar Part No. - IDT70914S12FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S12FB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com