Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM30E3Y-2H Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # QM30E3Y-2H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30E3Y-2H Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  QM30E3Y-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30E3Y-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30E3Y-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30E3Y-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30E3Y-2H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM30E3Y-2H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb.1999
REVERSE RECOVERY CHARACTERISTICS
(VS. di/dt) (TYPICAL)
MAXIMUM SURGE CURRENT
REVERSE RECOVERY CHARACTERISTICS
(VS. IF) (TYPICAL)
CONDUCTION TIME (CYCLES AT 60Hz)
FORWARD CURRENT
IF (A)
di/dt (A/
µs)
MITSUBISHI TRANSISTOR MODULES
QM30E2Y/E3Y-2H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
MAXIMUM FORWARD CHARACTERISTIC
FORWARD VOLTAGE
VF (V)
PERFORMANCE CURVES (Diode part (D2))
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC
TIME (s)
–1
10
2
10
1
10
0
10
2
10
1
10
0
10
–1
10
0
10
1
10
3
10
2
10
–1
10
–1
10
–1
10
2
10
1
10
0
10
2
10
1
10
0
10
0
10
1
10
2
10
1
10
0
10
0
10
–1
10
–2
10
–3
10
3
10
2
10
1
10
0
10
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
200
400
600
800
1000
7
5
3
2
7
5
3
2
7
5
3
2
0.6
1.0
1.4
1.8
2.2
Tj=25°C
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
Tj=25°C
Tj=150°C
VR=600V
IF=30A
Irr
Qrr
trr
7
5
7
5
3
2
7
5
3
2
7
5
3
2
0.4
0.8
1.2
1.6
2.0
0
3
2
7
5
3
2
4
4
4
4
4
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
Tj=25°C
Tj=150°C
VR=600V
di/dt=–60A/µs
Irr
Qrr
trr


Similar Part No. - QM30E3Y-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30E2Y MITSUBISHI-QM30E2Y Datasheet
74Kb / 6P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30E3Y-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com