Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP22PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LVCP22PWRG4
Description  2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP22PWRG4 Datasheet HTML 1Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 2Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 3Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 4Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
INPUT ELECTRICAL CHARACTERISTICS
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Receiver input voltage
0
4
V
Junction temperature
125
°C
Operating free-air temperature, TA(1)
–40
85
°C
Magnitude of differential input voltage |VID|
0.1
3
V
(1)
Maximum free-air temperature operation is allowed as long as the device maximum junction temperature is not exceeded.
over recommended operatingconditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CMOS/TTL DC SPECIFICATIONS (EN0, EN1, SEL0, SEL1)
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
IIH
High-level input current
VIN = 3.6 V or 2.0 V, VCC = 3.6 V
±3
±20
µA
IIL
Low-level input current
VIN = 0.0 V or 0.8 V, VCC = 3.6 V
±1
±10
µA
VCL
Input clamp voltage
ICL = –18 mA
-0.8
-1.5
V
LVDS OUTPUT SPECIFICATIONS (OUT0, OUT1)
RL = 75 Ω, See Figure 2
270
365
475
|VOD|
Differential output voltage
mV
RL = 75 Ω, VCC = 3.3 V, TA = 25°C, See
285
365
440
Figure 2
Change in differential output voltage magnitude
∆|V
OD|
VID = ±100 mV, See Figure 2
–25
25
mV
between logic states
VOS
Steady-state offset voltage
See Figure 3
1
1.2
1.45
V
Change in steady-state offset voltage between
∆V
OS
See Figure 3
–25
25
mV
logic states
VOC(PP)
Peak-to-peak common-mode output voltage
See Figure 3
50
150
mV
IOZ
High-impedance output current
VOUT = GND or VCC
±10
µA
IOFF
Power-off leakage current
VCC = 0 V, 1.5 V; VOUT = 3.6 V or GND
±10
µA
IOS
Output short-circuit current
VOUT+ or VOUT- = 0 V
-24
mA
IOSB
Both outputs short-circuit current
VOUT+ and VOUT- = 0 V
–12
12
mA
CO
Differential output capacitance
VI = 0.4 sin(4E6πt) + 0.5 V
3
pF
LVDS RECEIVER DC SPECIFICATIONS (IN0, IN1)
VTH
Positive-going differential input voltage threshold
See Figure 1 and Table 1
100
mV
VTL
Negative-going differential input voltage threshold
See Figure 1 and Table 1
–100
mV
VID(HYS) Differential input voltage hysteresis
25
mV
VCMR
Common-mode voltage range
VID = 100 mV, VCC = 3.0 V to 3.6 V
0.05
3.95
V
VIN = 4 V, VCC = 3.6 V or 0.0
±1
±10
IIN
Input current
µA
VIN = 0 V, VCC = 3.6V or 0.0
±1
±10
CIN
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V
3
pF
SUPPLY CURRENT
RL = 75 Ω, CL = 5 pF, 500 MHz (1000
ICCD
Total supply current
60
87
mA
Mbps), EN0=EN1=High
ICCZ
3-state supply current
EN0 = EN1 = Low
25
35
mA
(1)
All typical values are at 25
°C and with a 3.3-V supply.
4
Submit Documentation Feedback


Similar Part No. - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22PWRG4 TI-SN65LVCP22PWRG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com