Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56748FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M56748FP
Description  4-CHANNEL ACTUATOR MOTOR DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56748FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M56748FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56748FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56748FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56748FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56748FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP
MITSUBISHI <CONTROL / DRIVER IC>
,
,
,
,
,
,
,
,
,
,
pin
,
pin
Standby
Standby
Supply voltage
4.5
Tstg
-40 – 125
Symbol
Rating
Unit
Parameter
Condition
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C)
mA
˚C
V
V
˚C
˚C/W
˚C
Vcc
Io
Vin
Pt
K
θ
Tj
Topr
Supply Voltage
15
700
0 – Vcc
4.5
27.8
150
-20 – 75
W
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
RECOMMENDED OPERATING CONDITIONS
Vcc
V
5.0
5.5
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (Ta=25˚C, Vcc=5V, unless otherwise noted)
Icc1
Vsat
Vref=Vctl=2.5V
Top and Bottom saturation voltage of output
power Tr. Load Current Io=0.5A
CH1, 3, 4 = Standby ON
CH1, 3, 4 = Standby ON,
pin = 5V
-35
4.0
15
1.35
25
1.90
+35
0.8
2.0
mA
V
V
V
V
V
CH1, 3, 4 = Standby OFF
Gv
CH1, 2, 4, Vref=Vctl=2.5V
Vofs 1
CH1, 2, 4
CH3 uses input amp. as a buffer.
CH1, 3, 4 = Standby OFF,
pin = 5V
2.0
8.52
14.54
dB
Output Current
Maximum Input Voltage of each Terminals
Power Dissipation
Thermal derating
Junction temperature
Operating temperature
Storage temperature
With infinite heatsink
With infinite heatsink
Circuit current on no-signal
Output saturation voltage
Output offset voltage-1
Voltage gain between input and output
H standby-on voltage
H standby-off voltage
L standby-on voltage
L standby-off voltage
Reg5V
Connects the collector of external PNP
Standby
H standby input terminal
Pin No.
Symbol
Pin No.
Function
Symbol
PIN DESCRIPTIONS
Vref-in
Vref-out
N.C
Gain1
Vctl1(-)
VM1(-)
VM1(+)
GND
VM2(+)
VM2(-)
Vctl2(-)
Gain2
N.C
Vcc
Reference voltage input terminal
1
2
3
4
5
6
12
13
14
15
16
17
18
CH1 amp. non-inverted output terminal
GND
CH2 amp. non-inverted output terminal
CH2 amp. inverted output terminal
CH2 amp. inverted input terminal
CH2 amp. gain control terminal
Power supply
to
8
11
7
Function
Reg-base
Vcc
Vctl3(+)
Vctl3(-)
Vctl3(out)
VM3(-)
VM3(+)
GND
VM4(+)
VM4(-)
Vctl4(-)
Gain4
Standby
SS. GND
Connects the base of external PNP
19
20
21
22
23
24
30
31
32
33
34
35
36
GND
CH4 amp. non-inverted output terminal
CH4 amp. inverted output terminal
CH4 amp. inverted input terminal
CH4 amp. gain control terminal
L standby input terminal
Small signal GND
to
26
29
25
Reference voltage output terminal
CH1 amp. gain control terminal
CH1 amp. inverted input terminal
CH1 amp. inverted output terminal
Power supply
CH3 amp. non-inverted input terminal
CH3 amp. inverted input terminal
CH3 input amp. output terminal
CH3 amp. inverted output terminal
CH3 amp. non-inverted output terminal
Output current
IO
mA
500
-57
+57
CH3, Vref=Vctl=2.5V
Vofs 2
mV
Output offset voltage-2
7.60
13.6
9.35
15.4
17
20
1
4
5
14
15
22
23
32
33 34
36
18
18


Similar Part No. - M56748FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
M56749 MITSUBISHI-M56749 Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
More results

Similar Description - M56748FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
   4 CHANNEL ACTUATOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
   4-CHANNEL ACTUATOR DRIVER
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com