Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST083S08PFK1 Datasheet(PDF) 5 Page - International Rectifier

Part # ST083S08PFK1
Description  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S08PFK1 Datasheet(HTML) 5 Page - International Rectifier

  ST083S08PFK1 Datasheet HTML 1Page - International Rectifier ST083S08PFK1 Datasheet HTML 2Page - International Rectifier ST083S08PFK1 Datasheet HTML 3Page - International Rectifier ST083S08PFK1 Datasheet HTML 4Page - International Rectifier ST083S08PFK1 Datasheet HTML 5Page - International Rectifier ST083S08PFK1 Datasheet HTML 6Page - International Rectifier ST083S08PFK1 Datasheet HTML 7Page - International Rectifier ST083S08PFK1 Datasheet HTML 8Page - International Rectifier ST083S08PFK1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ST083S Series
Outline Table
Case Style TO-209AC (TO-94)
All dimensions in millimeters (inches)
Fast-on Terminals
C.S. 0.4 mm 2
10 (0.39)
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA
(.0006 s.i.)
8.5 (0.33) DIA.
16.5 (0.65) MAX.
CERAMIC HOUSING
22.5 (0.88) MAX. DIA.
SW 27
C.S. 16mm 2
FLEXIBLE LEAD
(.025 s.i.)
2.6 (0.10) MAX.
WHITE SHRINK
29.5 (1.16)
MAX.
1/2"-20UNF-2A
WHITE GATE
215 (8.46)
Case Style TO-208AD (TO-83)
All dimensions in millimeters (inches)
1/2"-20UNF-2A
29.5 (1.16)
7.5
(0.30)
22.5 DIA.
5.2 (0.20) DIA.
(0.89) MAX.
1.5 (0.06) DIA.
CERAMIC HOUSING
FLAG TERMINALS
2.4 (0.09)
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST083S08PFK1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST083S12PFN0PBF VISHAY-ST083S12PFN0PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083S12PFN1PBF VISHAY-ST083S12PFN1PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results

Similar Description - ST083S08PFK1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com