Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3167YZPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3167YZPR
Description  0.9 OHM SPST ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3167YZPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A3167YZPR Datasheet HTML 6Page - Texas Instruments TS5A3167YZPR Datasheet HTML 7Page - Texas Instruments TS5A3167YZPR Datasheet HTML 8Page - Texas Instruments TS5A3167YZPR Datasheet HTML 9Page - Texas Instruments TS5A3167YZPR Datasheet HTML 10Page - Texas Instruments TS5A3167YZPR Datasheet HTML 11Page - Texas Instruments TS5A3167YZPR Datasheet HTML 12Page - Texas Instruments TS5A3167YZPR Datasheet HTML 13Page - Texas Instruments TS5A3167YZPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TS5A3167
0.9 W SPST ANALOG SWITCH
SCDS187 − FEBRUARY 2005
www.ti.com
10
Electrical Characteristics for 1.8-V Supply(1) (continued)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = V+,
CL = 35 pF,
25
°C
1.8 V
5.5
5
19
ns
Turn-on time
tON
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
See Figure 17
Full
1.65 V to 1.95 V
5
20
ns
Turn-off time
tOFF
VCOM = V+,
CL = 35 pF,
25
°C
1.8 V
7.5
12
17.5
ns
Turn-off time
tOFF
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
See Figure 17
Full
1.65 V to 1.95 V
6
20
ns
Charge injection
QC
VGEN = 0,
RGEN = 0,
CL = 1 nF,
See Figure 20
25
°C
1.8 V
1
pC
NC
OFF capacitance
CNC(OFF)
VNC = V+ or GND,
Switch OFF,
See Figure 16
25
°C
1.8 V
19
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
1.8 V
18
pF
NC
ON capacitance
CNC(ON)
VNC = V+ or GND,
Switch ON,
See Figure 16
25
°C
1.8 V
37
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
1.8 V
37
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
1.8 V
2
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 18
25
°C
1.8 V
200
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 1 MHz,
Switch OFF,
See Figure 19
25
°C
1.8 V
−64
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
1.8 V
0.05
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
1.95 V
0.01
0.1
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
1.95 V
0.1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - TS5A3167YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3167YZPR TI-TS5A3167YZPR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
More results

Similar Description - TS5A3167YZPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com