Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68L11K4FU1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68L11K4FU1
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68L11K4FU1 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68L11K4FU1 Datasheet HTML 1Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 2Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 3Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 4Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 5Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 6Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 7Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 8Page - Motorola, Inc MC68L11K4FU1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MOTOROLA
M68HC11 K Series
4
MC68HC11KTS/D
Table 3 Custom ROM Device Ordering Information
Package
Temperature
Description
Frequency
MC Order Number
84-Pin PLCC
–40
°to + 85°C
Custom ROM
2 MHz
MC68HC11K4CFN2
3 MHz
MC68HC11K4CFN3
4 MHz
MC68HC11K4CFN4
–40
°to + 105°C
Custom ROM
2 MHz
MC68HC11K4VFN2
3 MHz
MC68HC11K4VFN3
4 MHz
MC68HC11K4VFN4
–40
°to + 125°C
Custom ROM
2 MHz
MC68HC11K4MFN2
3 MHz
MC68HC11K4MFN3
4 MHz
MC68HC11K4MFN4
–40
°to + 85°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3CFN2
3 MHz
MC68HC11K3CFN3
4 MHz
MC68HC11K3CFN4
–40
°to + 105°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3VFN2
3 MHz
MC68HC11K3VFN3
4 MHz
MC68HC11K3VFN4
–40
°to + 125°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3MFN2
3 MHz
MC68HC11K3MFN3
4 MHz
MC68HC11K3MFN4
80-Pin QFP
–40
°to + 85°C
Custom ROM
2 MHz
MC68HC11K4CFU2
3 MHz
MC68HC11K4CFU3
4 MHz
MC68HC11K4CFU4
–40
°to + 105°C
Custom ROM
2 MHz
MC68HC11K4VFU2
3 MHz
MC68HC11K4VFU3
4 MHz
MC68HC11K4VFU4
–40
°to + 85°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3CFU2
3 MHz
MC68HC11K3CFU3
4 MHz
MC68HC11K3CFU4
–40
°to + 105°C
Custom ROM, No EEPROM
2 MHz
MC68HC11K3VFU2
3 MHz
MC68HC11K3VFU3
4 MHz
MC68HC11K3VFU4


Similar Part No. - MC68L11K4FU1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68L11K4FU1 MOTOROLA-MC68L11K4FU1 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68L11K4FU1 FREESCALE-MC68L11K4FU1 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68L11K4FU1 FREESCALE-MC68L11K4FU1 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68L11K4FU1 NXP-MC68L11K4FU1 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68L11K4FU1 NXP-MC68L11K4FU1 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68L11K4FU1

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com