Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W209CH Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # W209CH
Description  Frequency Generator for Integrated Core Logic with 133-MHz FSB
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W209CH Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button W209CH Datasheet HTML 6Page - Cypress Semiconductor W209CH Datasheet HTML 7Page - Cypress Semiconductor W209CH Datasheet HTML 8Page - Cypress Semiconductor W209CH Datasheet HTML 9Page - Cypress Semiconductor W209CH Datasheet HTML 10Page - Cypress Semiconductor W209CH Datasheet HTML 11Page - Cypress Semiconductor W209CH Datasheet HTML 12Page - Cypress Semiconductor W209CH Datasheet HTML 13Page - Cypress Semiconductor W209CH Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
W209C
PRELIMINARY
Document #: 38-07171 Rev. *A
Page 10 of 16
DC Electrical Characteristics[9]
DC parameters must be sustainable under steady state (DC) conditions.
Absolute Maximum DC Power Supply
Parameter
Description
Min.
Max.
Unit
VDDQ3
3.3V Core Supply Voltage
–0.5
4.6
V
VDDQ2
2.5V I/O Supply Voltage
–0.5
3.6
V
TS
Storage Temperature
–65
150
°C
Absolute Maximum DC I/O
Parameter
Description
Min.
Max.
Unit
Vi/o3
3.3V Core Supply Voltage
–0.5
4.6
V
Vi/o3
2.5V I/O Supply Voltage
–0.5
3.6
V
ESD prot.
Input ESD Protection
2000
V
Note:
9.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.


Similar Part No. - W209CH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W209C SPECTRALINEAR-W209C Datasheet
228Kb / 15P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
logo
Cypress Semiconductor
W209C CYPRESS-W209C Datasheet
179Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
More results

Similar Description - W209CH

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W219B CYPRESS-W219B Datasheet
175Kb / 15P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209C CYPRESS-W209C Datasheet
179Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
logo
SpectraLinear Inc
W219B SPECTRALINEAR-W219B Datasheet
232Kb / 14P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
W209C SPECTRALINEAR-W209C Datasheet
228Kb / 15P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
logo
Cypress Semiconductor
W147G CYPRESS-W147G Datasheet
140Kb / 12P
   Frequency Generator for Integrated Core Logic
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
W195B CYPRESS-W195B Datasheet
141Kb / 13P
   Frequency Generator for Integrated Core Logic
logo
SpectraLinear Inc
W305B SPECTRALINEAR-W305B Datasheet
182Kb / 20P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305B SILABS-W305B Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W305B CYPRESS-W305B Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com