Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7010G-250 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # 3D7010G-250
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7010G-250 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D7010G-250 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7010G-250 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7010G-250 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7010G-250 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D7010
Doc #96004
DATA DELAY DEVICES, INC.
3
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013
APPLICATION NOTES (CONT’D)
custom reference designator identifying the
intended frequency and duty cycle of operation.
The programmed delay accuracy of the device is
guaranteed, therefore, only for the user specified
input characteristics. Small input pulse width
variation about the selected pulse width will only
marginally impact the programmed delay
accuracy, if at all. Nevertheless, it is strongly
recommended that the engineering staff at
DATA DELAY DEVICES be consulted.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The monolithic 3D7010 programmable delay line
utilizes novel and innovative compensation
circuitry to minimize the delay variations induced
by fluctuations in power supply and/or
temperature.
The thermal coefficient is reduced to 600
PPM/C, which is equivalent to a variation , over
the 0C-70C operating range, of
±3% from the
room-temperature delay settings. The power
supply coefficient is reduced, over the 4.75V-
5.25V operating range, to
±2% of the delay
settings at the nominal 5.0VDC power supply. It
is essential that the power supply pin be
adequately bypassed and filtered. In addition,
the power bus should be of as low an
impedance construction as possible. Power
planes are preferred.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
15
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
10
µA
VIH = VDD
Low Level Input Current
IIL
-250
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 10 * CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/tap (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)


Similar Part No. - 3D7010G-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7005 DATADELAY-3D7005 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-100 DATADELAY-3D7005-100 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-125 DATADELAY-3D7005-125 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-150 DATADELAY-3D7005-150 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-200 DATADELAY-3D7005-200 Datasheet
160Kb / 4P
   All Silicon Delay Line
More results

Similar Description - 3D7010G-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7220 DATADELAY-3D7220 Datasheet
232Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7220)
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D3220 DATADELAY-3D3220 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com