Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385BEEAL Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME385BEEAL
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385BEEAL Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME385BEEAL Datasheet HTML 4Page - Analog Microelectronics AME385BEEAL Datasheet HTML 5Page - Analog Microelectronics AME385BEEAL Datasheet HTML 6Page - Analog Microelectronics AME385BEEAL Datasheet HTML 7Page - Analog Microelectronics AME385BEEAL Datasheet HTML 8Page - Analog Microelectronics AME385BEEAL Datasheet HTML 9Page - Analog Microelectronics AME385BEEAL Datasheet HTML 10Page - Analog Microelectronics AME385BEEAL Datasheet HTML 11Page - Analog Microelectronics AME385BEEAL Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AME, Inc.
9
AME385-2.5
Micropower Voltage Reference Diode
MIN
MAX
MIN
MAX
A
4.00
4.95
0.1575
0.1949
b
E
e
e1
L
12.70
15.49
0.5000
0.6098
R
W
0.35
0.76
0.0138
0.0299
D
3.80
4.95
0.1496
0.1949
SYMBOLS
MILLIMETERS
INCHES
0.40REF
0.0157REF
2.54REF
1.27REF
3.94REF
0.1551REF
2.29
0.1000REF
0.0500REF
0.0902
MIN
MAX
MIN
MAX
A
2.80
4.95
0.1102
0.1949
b
E
e
e1
L
12.70
15.49
0.5000
0.6098
R
W
0.35
0.76
0.0138
0.0299
D
3.80
4.95
0.1496
0.1949
2.29
0.1000REF
0.0500REF
0.0902
2.54REF
1.27REF
SYMBOLS
MILLIMETERS
INCHES
0.40REF
0.0157REF
3.94REF
0.1551REF
TO-92-3 (bulk pack)
TO-92-2 (bulk pack)
n Package Dimension
Notes:
1. Package outline exclusive of any mold flashes dimension.
2. Package outline exclusive of burr dimension.
3. Lead pitch=2.54mm is bulk pack.
4. Lead pitch=5.08mm is tape pack.
Notes:
1. Package outline exclusive of any mold flashes dimension.
2. Package outline exclusive of burr dimension.
3. Lead pitch=2.54mm is bulk pack.
4. Lead pitch=5.08mm is tape pack.
Top View
Side View
e
D
L
w
e1
A
E
R
b
E-PIN C 1/16
Top View
Side View
e
w
e1
R
b
E-PIN C 1/16
L
A
E
D


Similar Part No. - AME385BEEAL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385BEET AME-AME385BEET Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME385BEET AME-AME385BEET Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME385BEETZ AME-AME385BEETZ Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
More results

Similar Description - AME385BEEAL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com