Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVMA28 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DVMA28
Description  HIGH RELIABILITY HYBRID EMI FILTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMA28 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  DVMA28 Datasheet HTML 1Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 2Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 3Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 8Page - List of Unclassifed Manufacturers DVMA28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DVMA28 Series
10013DSD
8
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
28V IN
Positive Input Voltage Connection
2
28V OUT
Positive Output Voltage Connection
3
CASE
Case Connection
4
OUT COM
Output Common Connection
5
IN COM
Input Common Connection
ENVIRONMENTAL SCREENING (Per MIL-STD-883 as referenced to MIL-PRF-38534, Class H)
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Pre-Cap Inspection
Method 2017, 2032
Internal Procedure
Temperature Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
Constant
Acceleration
Method 2001, 3000g
Method 2001, 500g
Burn-In
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
Final Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
Final Inspection
Method 2009
Note:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product
shipment.


Similar Part No. - DVMA28

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMA28ES VPT-DVMA28ES Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMA28H VPT-DVMA28H Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMA28K VPT-DVMA28K Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results

Similar Description - DVMA28

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
List of Unclassifed Man...
DVMC28 ETC-DVMC28 Datasheet
394Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com