Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC161RM13TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC161RM13TR
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC161RM13TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC161RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC161RM13TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M74HC161
7/12
WAVEFORM 2 : PROPAGATION DELAY TIMES,CLEAR MINIMUM PULSE WIDTH (CLEAR MODE)
(f=1MHz; 50% duty cycle)
WAVEFORM 3 : SETUP AND HOLD TIMES (PRESET MODE) (f=1MHz; 50% duty cycle)


Similar Part No. - M74HC161RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161B1R STMICROELECTRONICS-M74HC161B1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161C1R STMICROELECTRONICS-M74HC161C1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161F1R STMICROELECTRONICS-M74HC161F1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161M1R STMICROELECTRONICS-M74HC161M1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Similar Description - M74HC161RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com