Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1210K6 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1210K6
Description  HIGH SPEED DUAL MOSFET DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1210K6 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1210K6 Datasheet HTML 1Page - Supertex, Inc MD1210K6 Datasheet HTML 2Page - Supertex, Inc MD1210K6 Datasheet HTML 3Page - Supertex, Inc MD1210K6 Datasheet HTML 4Page - Supertex, Inc MD1210K6 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MD1210
NR013105
2
Ordering Information
Package Option
Product Marking Information
Device
12-lead 4x4x0.9 QFN
1
st line
1210
Device Number
MD1210
MD1210K6
2
nd line
YWLL
Year, Week Code, Lot Number
Example: 5A88 means Lot #88 of first or second week in 2005
Absolute Maximum Ratings*
Pin1
DC Electrical Characteristics
(Over operating conditions unless otherwise specified, VH=VDD1=VDD2=12V, VL=VSS1=VSS2=0V, VOE=3.3V, TJ= 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
VDD-VSS
Logic supply voltage
4.5
13
V
VSS
Low side supply voltage
-5.5
0
V
VH
Output high supply voltage
VSS+2.0
VDD
V
VL
Output low supply voltage
VSS
VDD-2
V
IDD1Q
VDD1 quiescent current
0.55
mA
IDD2Q
VDD2 quiescent current
10
µA
IHQ
VH quiescent current
10
µA
No input transitions
IDD1
VDD1 average current
0.88
mA
IDD2
VDD2 average current
6.6
mA
IH
VH average current
23
mA
One channel on at 5.0Mhz, No load
VIH
Input logic voltage high
VOE-0.3
5.0
V
VIL
Input logic voltage low
0
0.3
V
IIH
Input logic current high
1.0
µA
IIL
Input logic current low
1.0
µA
For logic inputs INA and INB.
VIH
OE Input logic voltage high
1.2
5.0
V
VIL
OE Input logic voltage low
0
0.3
V
RIN
Input logic impedance to
GND
12
20
30
K
For logic input OE
CIN
Logic input capacitance
5.0
10
pF
All Inputs
θ
JA
Thermal resistance to air
47
°C/W
1oz. 4-layer 3x4inch PCB with thermal
pad and thermal via array.
θ
JC
Thermal resistance to case
7.0
°C/W
Outputs (V
H=VDD1=VDD2=12V, VL=VSS1=VSS2=0V, VOE=3.3V, TJ=25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
RSINK
Output sink resistance
12.5
ISINK =50mA
RSOURCE
Output source resistance
12.5
ISOURCE =50mA
ISINK
Peak output sink current
2.0
A
ISOURCE
Peak output source current
2.0
A
VDD-VSS, Logic Supply Voltage
-0.5V to +13.5V
VH, Output High Supply Voltage
VL-0.5V to VDD+0.5V
VL, Output Low Supply Voltage
VSS-0.5V to VH+0.5V
VSS, Low Side Supply Voltage
-7.0V to +0.5V
Logic Input Levels
VSS-0.5V to VSS+7.0V
Maximum Junction Temperature
+125°C
Storage Temperature
-65°C to 150°C
*Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating
level may affect device reliability. All voltages are referenced to device ground.
1210
YWLL
Top View


Similar Part No. - MD1210K6

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210K6-G SUTEX-MD1210K6-G Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
More results

Similar Description - MD1210K6

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com