Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002AB-70TC Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN29F002AB-70TC
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AB-70TC Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN29F002AB-70TC Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AB-70TC Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
TABLE 3. OPERATING MODES
2M FLASH USER MODE TABLE
USER MODE
CE
WE
OE
R ESE T
A9
A8
A6
A1
A0
Ax/y
DQ(0-7)
RESET
(n/a on EN29F002AN)
X
X
X
L
X
X
X
X
X
X
HI-Z
STANDBY
H
X
X
H
X
X
X
X
X
X
HI-Z
READ
L
H
L
H
A9
A8
A6
A1
A0
Ax/y
DQ(0-7)
OUTPUT DISABLE
L
H
H
H
X
X
X
X
X
X
HI-Z
READ
MANUFACTURER ID
L
H
L
H
VID
L/H
L
L
L
X
MANUFACTURER
ID
READ DEVICE ID
L
H
L
H
VID
L/H
L
L
H
X
DEVICE ID(T/B)
VERIFY SECTOR
PROTECT
L
H
L
H
VID
X
L
H
L
X
01h(protected)
00h(unprotected)
ENABLE SECTOR
PROTECT
L
L
VID
H
VID
X
L
X
X
X
X
SECTOR UNPROTECT
L
L
VID
H
VID
X
H
H
L
X
X
WRITE
L
L
H
H
A9
A8
A6
A1
A0
Ax/y
DIN(0-7)
TEMPORARY SECTOR
UNPROTECT
X
X
X
VID
X
X
X
X
X
X
X
NOTES:
1) L = VIL, H = VIH, VID = 11.0V ± 0.5V
2)
X = Don’t care, either VIH or VIL
TABLE 4. DEVICE IDENTIFICTION
2M FLASH MANUFACTURER/DEVICE ID TABLE
A8
A6
A1
A0
DQ(7-0)
HEX
READ
MANUFACTURER ID
L
L
L
L
CONTINUATION MANUFACTURER ID
7F
READ
MANUFACTURER ID
*
H
L
L
L
MANUFACTURER ID
1C
READ DEVICE ID
(Top Architecture)
L
L
L
H
CONTINUATION DEVICE ID
7F
READ DEVICE ID
*
(Top Architecture)
H
L
L
H
DEVICE ID
92
READ DEVICE ID
(Bottom Architecture)
L
L
L
H
CONTINUATION DEVICE ID
7F
READ DEVICE ID
*
(Bottom Architecture)
H
L
L
H
DEVICE ID
97
NOTES:
These modes (A8=H) are recommended for Manufacture/Device ID check.


Similar Part No. - EN29F002AB-70TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AB-70TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com