Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N16T1630C2BZ-70 Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part # N16T1630C2BZ-70
Description  16Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16T1630C2BZ-70 Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N16T1630C2BZ-70 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16T1630C2BZ-70 Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(DOC#14-02-007 REV F ECN# 01-1103)
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N16T1630C2B
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
UB
LB
I/O0 - I/O151
1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7
are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown.
MODE
POWER
H
X
XX
XX
High Z
Standby2
2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally
isolated from any external influence and disabled from exerting any influence externally.
Standby
X
L
XX
XX
High Z
Standby2
Standby
L
H
X
X
H
H
High Z
Standby
Standby
LHL
X3
3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
L1
L1
Data In
Write
Active
LH
HL
L1
L1
Data Out
Read
Active
LH
H
H
L1
L1
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Address
Inputs
A0 - A19
1M
x 16 bit
RAM Array
Input/
Output
Mux
and
Buffers
Address
Decode
Logic
Control
Logic
CE1
CE2
WE
OE
UB
LB
I/O0 - I/O7
I/O8 - I/O15


Similar Part No. - N16T1630C2BZ-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B270 FUJITSU-N16B-0558-B270 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Similar Description - N16T1630C2BZ-70

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16L163WC2C NANOAMP-N16L163WC2C Datasheet
265Kb / 11P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com