Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2140AM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA2140AM
Description  WCDMA, RF-Rx SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA2140AM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA2140AM Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2140AM Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2140AM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
SAWNICS
SA2140AM
WCDMA, RF-Rx SAW Filter
SAWNICS, Inc
344 Mangwol-Ri Jungnam-Myon Hwasung Kyunggi 445-964 / Korea.
Tel: +82 31 354 9801 / Fax: +82 31 354 9805 / www.sawnics.com / sales@sawnics.com
TESTING ENVIRONMENT
Source & Load Impedance: 50
FREQUENCY RESPONSE


Similar Part No. - SA2140AM

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA2140AM

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA2140GM TRANSKO-TA2140GM Datasheet
457Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
logo
Oscilent Corporation
862-RF2140.0M-A6 OSCILENT-862-RF2140.0M-A6 Datasheet
172Kb / 3P
   WCDMA, RF-Rx SAW Filter
802-RF2140.0M-A02 OSCILENT-802-RF2140.0M-A02 Datasheet
196Kb / 3P
   WCDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA2160KM TRANSKO-TA2160KM Datasheet
472Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
TA2140AM TRANSKO-TA2140AM Datasheet
397Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 1: July 2011
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2135BM TRANSKO-TA2135BM Datasheet
385Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2010
TA2140CM1 TRANSKO-TA2140CM1 Datasheet
444Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0:
TA2140EM TRANSKO-TA2140EM Datasheet
352Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: May 2009
logo
TEMEX
TMXW365 TEMEX-TMXW365 Datasheet
433Kb / 5P
   SAW Bandpass Filter - WCDMA Rx - RF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com