Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM02N60P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSM02N60P
Description  N CHANNEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSM02N60P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSM02N60P Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SSM02N60P
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0
1
2
3
4
5
-50
0
50
100
150
T j , Junction Temperature (
o C )
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V SD (V)
T j = 150
o C
T j = 25
o C
0
2
4
6
8
10
12
14
16
02468
10
12
14
16
18
20
Q G , Total Gate Charge (nC)
I D =2A
V DS =320V
V DS =400V
V DS =480V
10
100
1000
1
5
9
131721
2529
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
Rev.2.01 6/06/2003


Similar Part No. - SSM02N60P

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SSM02150SPT CHENMKO-SSM02150SPT Datasheet
114Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SSM0240SPT CHENMKO-SSM0240SPT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SSM02N60P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com