Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6301U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THN6301U
Description  NPN Planer RF TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THN6301U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THN6301U Datasheet HTML 1Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 2Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 3Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 4Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 5Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 6Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 7Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 8Page - List of Unclassifed Manufacturers THN6301U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THN6301U
Total power dissipation Pt = f(T A )
Icc vs. VCE
( TA = 25 ℃ )
Icc vs. VBE
hfe vs. Icc
0
100
200
0
50
100
150
TA[℃]-Ambient Temperature
02468
10
0
2
4
6
8
10
12
14
16
18
20
Ib=200uA step
Ib=160uA step
Ib=40uA step
Ib=80uA step
Ib=120uA step
Vce(V)
VCE [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
Vbe(V)
VBE [V]
VCE = 8[V]
12
3
4 5 6 7 8 9
20
30 40 50
20
20
40
60
80
100
100
200
Ice(mA)
ICE [mA]
VCE = 8[V]
www.tachyonics.co.kr
- 3/10 -
Sep-2003
Rev 1.1


Similar Part No. - THN6301U

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301U TACHYONICS-THN6301U Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
logo
AUK corp
THN6301U AUK-THN6301U Datasheet
221Kb / 11P
   SiGe NPN Transistor
More results

Similar Description - THN6301U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THN6301S ETC-THN6301S Datasheet
99Kb / 10P
   NPN Planer RF TRANSISTOR
logo
Tachyonics CO,. LTD
THN6201S TACHYONICS-THN6201S Datasheet
141Kb / 12P
   NPN Planer RF TRANSISTOR
logo
List of Unclassifed Man...
THN3101Z ETC1-THN3101Z Datasheet
139Kb / 10P
   NPN Planer RF TRANSISTOR
logo
Tachyonics CO,. LTD
THN6501S TACHYONICS-THN6501S Datasheet
122Kb / 13P
   NPN Planer RF TRANSISTOR
logo
Panasonic Semiconductor
XN4556 PANASONIC-XN4556 Datasheet
34Kb / 2P
   NPN epitaxial planer transistor
XN4506 PANASONIC-XN4506 Datasheet
33Kb / 2P
   NPN epitaxial planer transistor
XN121M PANASONIC-XN121M Datasheet
33Kb / 2P
   NPN epitaxial planer transistor
XN4505 PANASONIC-XN4505 Datasheet
52Kb / 4P
   NPN epitaxial planer transistor
XN04212 PANASONIC-XN04212 Datasheet
96Kb / 3P
   Silicon NPN epitaxial planer transistor
logo
Weitron Technology
W4501DW WEITRON-W4501DW Datasheet
216Kb / 4P
   Epitaxial Planer Transistor Silicon NPN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com