Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002AT-45PCP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29F002AT-45PCP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AT-45PCP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29F002AT-45PCP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AT-45PCP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
FEATURES
• 5.0V ± 10% for both read/write operation
• Read Access Time
- 45ns, 55ns, 70ns, and 90ns
• Fast Read Access Time
- 70ns with Cload = 100pF
- 45ns, 55ns with Cload = 30pF
• Sector Architecture:
One 16K byte Boot Sector, Two 8K byte
Parameter Sectors, one 32K byte and
three 64K byte main Sectors
• Boot Block Top/Bottom Programming
Architecture
• High performance program/erase speed
- Byte program time: 10µs typical
- Sector erase time: 500ms typical
- Chip erase time: 3.5s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 30mA active read current
- 30mA program / erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Hardware RESET Pin (n/a on EN29F002AN)
• Single Sector and Chip Erase
• Sector Protection / Temporary Sector
Unprotect (RESET = VID)
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another sector during
Erase Suspend Mode
• 0.23 µm triple-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• 100K endurance cycle
• Package Options
- 32-pin PDIP
- 32-pin PLCC
- 32-pin TSOP (Type 1)
• Commercial and Industrial Temperature
Ranges
GENERAL DESCRIPTION
The EN29F002A / EN29F002AN is a 2-Megabit, electrically erasable, read/write non-volatile flash memory.
Organized into 256K words with 8 bits per word, the 2M of memory is arranged in seven sectors (with
top/bottom configuration), including one 16K Byte Boot Sector, two 8K Byte Parameter sectors, and four main
sectors (one 32K Byte and three 64K Byte). Any byte can be programmed typically at 10µs. The EN29F002A /
EN29F002AN features 5.0V voltage read and write operation. The access times are as fast as 45ns to
eliminate the need for WAIT states in high-performance microprocessor systems.
The EN29F002A / EN29F002AN has separate Output Enable ( OE ), Chip Enable ( CE ), and Write
Enable ( WE ) controls which eliminate bus contention issues.
This device is designed to allow
either single sector or full chip erase operation, where each sector can be individually protected
against program/erase operations or temporarily unprotected to erase or program. The device can
sustain
a
minimum
of
100K
program/erase
cycles
on
each
sector.
EN29F002A / EN29F002AN
2 Megabit (256K x 8-bit) Flash Memory


Similar Part No. - EN29F002AT-45PCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AT-45PCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com