Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002AT-55JCP Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29F002AT-55JCP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AT-55JCP Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29F002AT-55JCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
The flowchart for the Toggle Bit (DQ6) is shown in Flowchart 6. The Toggle Bit timing diagram is
shown in Figure 9.
DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has exceeded the specified limits (internal pulse
count). Under these conditions DQ5 will produce a “1”. (The Toggle Bit (DQ6) should also be
checked at this time to make sure that the DQ5 is not a “1” due to the device having returned to read
mode.) This is a failure condition which indicates that the program or erase cycle was not
successfully completed. DATA Polling (DQ7), Toggle Bit (DQ6) and Erase Toggle Bit (DQ2) still
function under this condition. Setting the CE to VIH will partially power down the device under those
conditions. The OE and WE pins will control the output disable functions as described in Table 3.
The DQ5 failure condition will also appear if the user tries to program a “1” to a location that was
previously programmed to a “0”. In this case, the device goes into Hang or Error mode out and
never completes the Embedded Program Algorithm. Hence, the system never reads valid data on
DQ7 and DQ6 never stops toggling. Once the device exceeds the timing limits, DQ5 will indicate a
“1”. Please note that this is not a device failure condition since the device was used incorrectly. If
timing limits are exceeded, reset the device. (See Table 6)
DQ3
Sector Erase Command Timeout
This device does not support multiple sector erase commands. DQ3 will go high immediately after
the first 30h command (the sixth write cycle). Any extra 30h commands will be ignored (or taken as
a resume command if erase suspended).
DQ2
Erase Toggle Bit II
In the sector erase operation, DQ2 will toggle with OE or CE when a read is attempted within the
sector that is being erased. DQ2 will not toggle if the read address is not within the sector that is
selected to be erased. In the chip erase operation, however, DQ2 will toggle with OE or CE
regardless of the address given by the user. This is because all sectors are to be erased. (See
Table 6)


Similar Part No. - EN29F002AT-55JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AT-55JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com