Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1315-330K3R7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL1315-330K3R7
Description  Inductors For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1315-330K3R7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL1315-330K3R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1315-330K3R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
001-01 / 20011025 / e532_tsl1315.fm
Inductors
TSL Series TSL1315 Type
For Power Line
Radial
FEATURES
• The TSL series feature low DC resistance and high current han-
dling capacities, making them ideal for power supply line appli-
cations.
• These parts are manufactured to a high degree of dimensional
accuracy using non-flammable material (UL94V-0).
• Available in tape packaging to support automated mounting
machines.
APPLICATIONS
Televisions, VCRs, personal computers, and other electronic
equipments.
SPECIFICATIONS
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
(6)Rated current
PACKAGING STYLE AND QUANTITIES
50 pieces/tray
Operating temperature range
–20 to +85°C
[Including self-temperature rise]
Storage temperature range
–40 to +85°C[Unit of products]
Terminal tensile strength
9.8N min.
0709
ø7.7
×9.5mm (lead pitch 5mm)
0808
ø8.5
×8.3mm (lead pitch 5mm)
1112
ø11.2
×12.2mm (lead pitch 5mm)
1315
ø14
×17mm (lead pitch 7.5mm)
RA
Taping(Ammo-pack)
SBulk
1R0
1
µH
100
10
µH
J±5%
K±10%
M±20%
5R0
5A
R66
0.66A
Packaging style
Type
Quantity
Taping
(Ammo-pack)
TSL0709RA
1000 pieces/box
TSL0808RA
1000 pieces/box
TSL1112RA
500 pieces/box
TSL1315RA
200 pieces/box
Bulk
TSL0709S
500 pieces/10tray
TSL0808S
500 pieces/10tray
TSL1112S
400 pieces/8tray
TSL1315S
50 pieces/pack
TSL 0709 RA- 1R0 M 5R0
(1)
(2)
(3)
(4) (5) (6)


Similar Part No. - TSL1315-330K3R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSL1315RA-101K2R5-PF TDK-TSL1315RA-101K2R5-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL1315RA-102JR78-PF TDK-TSL1315RA-102JR78-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL1315RA-103JR24-PF TDK-TSL1315RA-103JR24-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL1315RA-150K4R5-PF TDK-TSL1315RA-150K4R5-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL1315RA-151K2R1-PF TDK-TSL1315RA-151K2R1-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
More results

Similar Description - TSL1315-330K3R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com