Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7503D Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D7503D
Description  MONOLITHIC MANCHESTER ENCODER/DECODER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7503D Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D7503D Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7503D Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7503D Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7503D Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7503D Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3D7503
Doc #98009
DATA DELAY DEVICES, INC.
4
12/11/98
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
40
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 2 * CLD * VDD * F
Input Capacitance = 10 pf typical
where:
CLD = Average capacitance load/pin (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
TABLE 4: AC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V, except as noted)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Baud Rate (Encoder)
fBN
50
MBaud
Clock Frequency
fC
50
MHz
Data set-up to clock rising
tDS
3.5
ns
Data hold from clock rising
tDH
0
ns
TX High-Low time skew
t1H - t1L
-3.5
3.5
ns
1
TXB High-Low time skew
t2H - t2L
-2.0
2.0
ns
1
TX - TXB High/Low time skew
t1H - t2L
-3.0
3.0
ns
1
Nominal Input Baud Rate (Decoder)
fBN
5
50
MBaud
Allowed Input Baud Rate Deviation
fB
-0.15 fBN
0.15 fBN
MBaud
25C, 5.00V
Allowed Input Baud Rate Deviation
fB
-0.05 fBN
0.05 fBN
MBaud
-40C to 85C
4.75V to 5.25V
Allowed Input Baud Rate Deviation
fB
-0.03 fBN
0.03 fBN
MBaud
-55C to 125C
4.75V to 5.25V
Allowed Input Duty Cycle
42.5
50.0
57.5
%
Bit Cell Time
tc
1000/fB
ns
Input Data Edge to Clock Falling Edge
tCL
0.75 tc
ns
Clock Width Low
tCWL
500/fBN
ns
±2ns or 5%
Clock Falling Edge to Data Transition
tCD
3.0
4.0
5.0
ns
Notes: 1: Assumes a 50% duty cycle clock input


Similar Part No. - 3D7503D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7503-10 DIODES-3D7503-10 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7503-20 DIODES-3D7503-20 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7503-25 DIODES-3D7503-25 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7503-30 DIODES-3D7503-30 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results

Similar Description - 3D7503D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com