Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3965 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3965
Description  DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3965 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3965 Datasheet HTML 1Page - Allegro MicroSystems 3965 Datasheet HTML 2Page - Allegro MicroSystems 3965 Datasheet HTML 3Page - Allegro MicroSystems 3965 Datasheet HTML 4Page - Allegro MicroSystems 3965 Datasheet HTML 5Page - Allegro MicroSystems 3965 Datasheet HTML 6Page - Allegro MicroSystems 3965 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
5
Functional Description
Sleep Mode. The input pin SLEEP is dedicated to put the
device into a minimum current draw mode. All circuits are
disabled including the VDD undervoltage monitor.
Shutdown. In the event of a fault due to excessive
junction temperature, or low voltage on VCP or VREG, the
outputs of the device are disabled until the fault condition is
removed. At power up, and in the event of low VDD, the
UVLO circuit disables the drivers
Current Regulation. Load current is regulated by a
fixed frequency PWM control circuit. When the outputs of
the DMOS H-bridge are turned on, current increases in the
motor winding until it reaches a value given by:
ITRIP = VREF/(6*RSENSE)
At the trip point, the sense comparator resets the source
enable latch, turning off the source. At this point, load
inductance causes the current to recirculate until the end
fixed frequency cycle. (see timing diagram)
VREF. The VREF voltage is divided down by 6 and
compared to the voltage across the sense resistor to set the
value of bridge current that will trip the PWM comparator.
The VREF input is a high impedance input and can be
connected to VDD, if desired, as well as via resistor divider.
Note: When connected to VDD, the VBB voltage must be 1.8V
greater than VDD to allow proper headroom for the buffer
output.
Fixed Frequency PWM. Selection of an external RC
sets the oscillator frequency as follows:
fOSC = 1/ ( 850ns + tBLANK+RTCT))
Blank Time. When a source driver turns on, a current
spike occurs due to the reverse recovery currents of the
clamp diodes and/or switching transients related to
distributed capacitance in the load. To prevent this current
spike from erroneously resetting the source enable latch, the
sense comparator is blanked. The blank duration is
determined by the time it takes to charge the external RC
.38*VDD volts with a 1mA current source.
tBLANK = CT*.38*VDD/ ( 1mA – ( .41*VDD/RT))
VREG. This supply voltage is used to run the sink side
DMOS outputs. VREG is internally monitored and in the
case of a fault condition, the outputs of the device are
disabled. The VREG pin should be decoupled with a 0.22
µF capacitor to ground.
Charge Pump. The Charge Pump is used to generate a
supply above VBB to drive the source side DMOS gates. A
0.22 uF ceramic monolithic capacitor should be connected
between CP1 and CP2 for pumping purposes. A 0.22 uF
ceramic monolithic capacitor should be connected between
VCP and VBB to act as a reservoir to run the high side
DMOS devices. The VCP Voltage is internally monitored and
in the case of a fault condition the outputs of the device are
disabled.
Thermal protection. Circuitry turns OFF all drivers
when the junction temperature reaches 165°C typically. It is
intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits are permitted. Thermal shutdown has a
hysteresis of approximately 15°C.


Similar Part No. - 3965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3965S-1.2 ETC1-3965S-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-1.8 ETC1-3965S-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-2.5 ETC1-3965S-2.5 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-3.3 ETC1-3965S-3.3 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-5.0 ETC1-3965S-5.0 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - 3965

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
   DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com