Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1582CRT-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1582CRT-REEL7
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582CRT-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1582CRT-REEL7 Datasheet HTML 7Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 8Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 9Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 10Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 11Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 12Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 13Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 14Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–11–
REV. D
AC PERFORMANCE
To apply the AD1582/AD1583/AD1584/AD1585 family of
references, it is important to understand the effects of dynamic
output impedance and power supply rejection. In Figure 8a, a
voltage divider is formed by the AD1582’s output impedance and
by the external source impedance. Figure 8b shows the effect of
varying the load capacitor on the reference output. Power supply
rejection ratio (PSRR) should be determined when characterizing
the ac performance of a series voltage reference. Figure 9a shows a
test circuit used to measure PSRR, and Figure 9b demonstrates
the AD1582’s ability to attenuate line voltage ripple.
2
VOUT
10k
10k
2V
100 A
10k
2k
VLOAD DC
5V
5 F
1 F
DUT
1
Figure 8a. Output Impedance Test Circuit
100
1
0.1
10
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
1 F CAP
AD1585
AD1582
Figure 8b. Output Impedance vs. Frequency
5V
100mV
0.22 F
DUT
0.22 F
VOUT
10V
10k
10k
200mV
1
Figure 9a. Ripple Rejection Test Circuit
FREQUENCY (Hz)
100
90
0
11M
10
100
1k
10k
100k
50
20
80
70
60
40
30
10
AD1582
AD1585
Figure 9b. Ripple Rejection vs. Frequency
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD1582 is typically less than
70
µV p-p over the 0.1 Hz to 10 Hz frequency band. Figure 10
shows the 0.1 Hz to 10 Hz noise of a typical AD1582. The noise
measurement is made with a high gain band-pass filter. Noise in
a 10 Hz to 10 kHz region is approximately 50
µV rms. Figure 11
shows the broadband noise of a typical AD1582. If further noise
reduction is desired, a 1-pole low-pass filter may be added
between the output pin and the ground. A time constant of 0.2 ms
has a –3 dB point at roughly 800 Hz, and reduces the high
frequency noise to about 16
µV rms. It should be noted,
however, that while additional filtering on the output may improve
the noise performance of the AD1582/AD1583/AD1584/AD1585
family, the added output impedance could degrade the ac
performance of the references.
100
90
10
0%
10 V
1s
Figure 10. 0.1 Hz to 10 Hz Voltage Noise
10
0%
100
90
10ms
100 V
Figure 11. 10 Hz to 10 kHz Wideband Noise


Similar Part No. - AD1582CRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
AD1582A AD-AD1582A Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582ART-REEL7 AD-AD1582ART-REEL7 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582ARTZ-R2 AD-AD1582ARTZ-R2 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Similar Description - AD1582CRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com