Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY93 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CGY93
Description  GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CGY93 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CGY93 Datasheet HTML 1Page - Infineon Technologies AG CGY93 Datasheet HTML 2Page - Infineon Technologies AG CGY93 Datasheet HTML 3Page - Infineon Technologies AG CGY93 Datasheet HTML 4Page - Infineon Technologies AG CGY93 Datasheet HTML 5Page - Infineon Technologies AG CGY93 Datasheet HTML 6Page - Infineon Technologies AG CGY93 Datasheet HTML 7Page - Infineon Technologies AG CGY93 Datasheet HTML 8Page - Infineon Technologies AG CGY93 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Book
1
03.00
GaAs MMIC
CGY 93
Data Sheet
Power amplifier for GSM application
2 stage amplifier
Overall power added efficiency 55%
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering Code
(taped)
Package
CGY 93
CGY 93
t.b.d.
MW-16
Maximum Ratings
Symbol
Value
Unit
Positive supply voltage
V
D
7.0
V
Negative supply voltage
V
G
– 4.0
V
Supply current stage 1
I
D1
0.6
A
Supply current stage 2
I
D2
3.5
A
Channel temperature
T
Ch
150
°C
Storage temperature
T
stg
– 55 … + 150
°C
RF input power
P
in
20
dBm
Total power dissipation (CW,
T
c ≤ 83 °C)
T
c: Temperature at soldering point
P
tot
7.5
W
Pulse peak power dissipation duty
cycle 12.5%,
t
on = 0.577 ms
P
Puls
17
W
Thermal Resistance
Symbol
Value
Unit
Junction-Case
R
thJCh
9.0
K/W
MW-16


Similar Part No. - CGY93

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

Similar Description - CGY93

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
logo
Eudyna Devices Inc
FMM106HG EUDYNA-FMM106HG Datasheet
198Kb / 3P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com