Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04SC-09PT Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C04SC-09PT
Description  Two-wire Serial EEPROM Smart Card Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04SC-09PT Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C04SC-09PT Datasheet HTML 1Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 2Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 3Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 4Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 5Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 6Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 7Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 8Page - ATMEL Corporation AT24C04SC-09PT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
Note:
1. Applicable over recommended operating range from TA = 0°C to +70°C, VCC = +2.7V to +5.5V, CL = 1 TTL Gate and 100 pF
(unless otherwise noted)
2. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK AND DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL-low time periods (see
Figure 3 on page 5). Data changes during SCL-high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
that must precede any other command (see Figure 4 on page 6).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the Stop command will place the EEPROM in a standby power
mode (see Figure 4 on page 6).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. Each word requires the receiver to acknowledge that it has
received a valid command or data byte. During the transmission of commands from the
host to the EEPROM, the EEPROM will send a zero to the host to acknowledge that it
has received a valid command byte. This occurs on the ninth clock cycle of the com-
mand byte. During read operations, the host will send a zero to the EEPROM to
acknowledge that it has received a valid data byte and that it requests the next sequen-
tial data byte to be transmitted during the subsequent eight clock cycles. This occurs on
the ninth clock cycle of the data byte. If the host does not transmit this acknowledge bit,
the EEPROM will disable the read operation and return to standby mode.
STANDBY MODE: The AT24C01ASC/02SC/04SC/08SC/16SC feature a low-power
standby mode that is enabled upon power-up and after the receipt of the stop bit and the
completion of any internal operations.
MEMORY RESET: After an interruption in protocol, power loss, or system reset, any
two-wire part can be reset by following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition as SDA is high.
tHD.STA
Start Hold Time
0.6
µs
tSU.STA
Start Setup Time
0.6
µs
t
HD.DAT
Data In Hold Time
0
µs
t
SU.DAT
Data In Setup Time
100
ns
t
R
Inputs Rise Time
(2)
0.3
µs
tF
Inputs Fall Time
(2)
300
ns
tSU.STO
Stop Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
t
WR
Write Cycle Time
5
ms
Endurance
(1)
5.0V, 25
°C, Byte Mode
1M
Write Cycles
Table 4. AC Characteristics
(1) (Continued)
Symbol
Parameter
Min
Max
Units


Similar Part No. - AT24C04SC-09PT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04SC ATMEL-AT24C04SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C04SC-09PT

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com