Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04SC-10WI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C04SC-10WI
Description  Two-wire Serial EEPROM Smart Card Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04SC-10WI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C04SC-10WI Datasheet HTML 1Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 2Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 3Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 4Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 5Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 6Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 7Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 8Page - ATMEL Corporation AT24C04SC-10WI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
1610B–SEEPR–04/04
Features
Low-voltage and Standard-voltage Operation, VCC = 2.7V–5.5V
Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K),
1024 x 8 (8K), or 2048 x 8 (16K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
400 kHz Compatibility
8-byte Page (1K, 2K), 16-byte Page (4K, 8K, 16K) Write Modes
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3000V
Description
The AT24C01A/02SC/04SC/08SC/16SC provide 1024/2048/4096/8192/16384 bits of
serial, electrically-erasable, and programmable read-only memory (EEPROM) orga-
nized as 128/256/512/1024/2048 words of 8 bits each. The devices are optimized for
use in smart card applications where low-power and low-voltage operation may be
essential. The devices are available in several standard ISO 7816 smart card modules
(see Ordering Information, pages 12–13). All devices are functionally equivalent to
Atmel serial EEPROM products offered in standard IC packages (PDIP, SOIC, TSSOP,
MAP), with the exception of the slave address and write protect functions, which are
not required for smart card applications.
Table 1. Pin Configuration
Figure 1. Card Module Contact
Pad Name
Description
ISO Module Contact
VCC
Power Supply Voltage
C1
GND
Ground
C5
SCL
Serial Clock Input
C3
SDA
Serial Data Input/Output
C7
NC
No Connect
C2, C4, C6, C8
NC
VCC
Two-wire Serial
EEPROM Smart
Card Modules
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
16K (2048 x 8)
AT24C01ASC
AT24C02SC
AT24C04SC
AT24C08SC
AT24C16SC


Similar Part No. - AT24C04SC-10WI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04SC ATMEL-AT24C04SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C04SC-10WI

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com