Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2166PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR2166PBF
Description  PFC & BALLAST CONTROL IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2166PBF Datasheet(HTML) 2 Page - International Rectifier

  IR2166PBF Datasheet HTML 1Page - International Rectifier IR2166PBF Datasheet HTML 2Page - International Rectifier IR2166PBF Datasheet HTML 3Page - International Rectifier IR2166PBF Datasheet HTML 4Page - International Rectifier IR2166PBF Datasheet HTML 5Page - International Rectifier IR2166PBF Datasheet HTML 6Page - International Rectifier IR2166PBF Datasheet HTML 7Page - International Rectifier IR2166PBF Datasheet HTML 8Page - International Rectifier IR2166PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
IR2166 & (PbF)
2
www.irf.com
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Note 1:
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6V. Please note that this supply pin should not be driven by a DC, low impedance power source
greater than the VCLAMP specified in the Electrical Characteristics section.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
VPFC
PFC gate driver output voltage
-0.3
VCC + 0.3
IOMAX
Maximum allowable output current (HO, LO, PFC)
-500
500
due to external power transistor miller effect
VBUS
VBUS pin voltage
-0.3
VCC + 0.3
VCT
CT pin voltage
-0.3
VCC + 0.3
ICPH
CPH pin current
-5
5
IRPH
RPH pin current
-5
5
VRPH
RPH pin voltage
-0.3
VCC + 0.3
V
IRT
RT pin current
-5
5
mA
VRT
RT pin voltage
-0.3
VCC + 0.3
VCS
Current sense pin voltage
-0.3
5.5
ICS
Current sense pin current
-5
5
ISD/EOL
Shutdown pin current
-5
5
ICC
Supply current (Note 1)
-20
20
IZX
PFC inductor current, zero crossing detection input current
-5
5
ICOMP
PFC error compensation current
-5
5
dV/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(16-Pin PDIP)
1.80
PD = (TJMAX-TA)/RthJA
(16-Pin SOIC)
1.40
RthJA
Thermal resistance, junction to ambient
(16-Pin PDIP)
70
(16-Pin SOIC)
86
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
V
mA
mA
V
mA
V
W
oC/W
oC


Similar Part No. - IR2166PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166S IRF-IR2166S Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results

Similar Description - IR2166PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com