Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N914 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N914
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N914 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N914 Datasheet HTML 1Page - Microsemi Corporation 1N914 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +200°C
Operating Current: 75 mA @ TA = + 25°C
Derating Factor: 0.5 mA/°C Above TA = + 25°C
Surge Current A: 1A, sine wave, Pw = 8.3ms
Surge Current B: 0.704A, square wave, Pw = 8.3ms
NOTE 1
IF = IR = 10 mA, RL = 100 ohms.
I R1
I R2
I R3
I R4
CAPACITANCE
CAPACITANCE
@ 20 V dc
@ 75 V dc
@ 20 V
@ 75 V
@ 0 V
@ 1.5 V
TA = 150°C
TA = 150°C
nA
µA
µA
µA
pF
pF
25
0.5
35
75
4.0
2.8
Vf 1
Vf 2
t rr
VBR
V RWM
I0
I F = 10 mA
I F = 50 mA
(Note 1)
Volts (min)
Volts (pk)
mA
V dc
V dc
n sec
100
75
75
0.8
1.2
5
1N914
• 1N914 AVAILABLE IN
JAN, JANTX, AND JANTXV
PER MIL-PRF-19500/116
• SWITCHING DIODE
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed
glass case per MIL-S-19500/116
D0-35 outline
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJL):
250 °C/W maximum at L = .375
THERMAL IMPEDANCE: (ZOJX): 70
°C/W maximum
POLARITY: Cathode end is banded.
MOUNTING POSITION: Any.
0.068/0.076
1.73/1.93
POLARITY
BAND
(CATHODE)


Similar Part No. - 1N914

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
71Kb / 3P
   Small Signal Fast Switching Diodes
Rev. 1.8, 06-Dec-13
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
   High-speed diode
1999 May 26
logo
Microsemi Corporation
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
44Kb / 1P
   Small Signal Devices
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
More results

Similar Description - 1N914

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com