Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4430ES6 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4430ES6
Description  Secondary-Side Optocoupler Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430ES6 Datasheet(HTML) 1 Page - Linear Technology

  LT4430ES6 Datasheet HTML 1Page - Linear Technology LT4430ES6 Datasheet HTML 2Page - Linear Technology LT4430ES6 Datasheet HTML 3Page - Linear Technology LT4430ES6 Datasheet HTML 4Page - Linear Technology LT4430ES6 Datasheet HTML 5Page - Linear Technology LT4430ES6 Datasheet HTML 6Page - Linear Technology LT4430ES6 Datasheet HTML 7Page - Linear Technology LT4430ES6 Datasheet HTML 8Page - Linear Technology LT4430ES6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT4430
1
4430f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Secondary-Side
Optocoupler Driver
The LT®4430 drives the optocoupler that crosses the
galvanic barrier in an isolated power supply. The IC con-
tains a precision-trimmed reference, a high bandwidth
error amplifier, an inverting gain of 6 stage to drive the
optocoupler and unique overshoot control circuitry.
The LT4430’s 600mV reference provides ±0.75% initial
accuracy and ±1.25% tolerance over temperature. A high
bandwidth 9MHz error amplifier permits simple frequency
compensation and negligible phase shift at typical loop
crossover frequencies. The optocoupler driver provides
10mA of output current and is short-circuit protected.
A unique overshoot control function prevents output
overshoot on startup and short-circuit recovery with a
single capacitor.
The LT4430 is available in the low profile 6-lead SOT-23
package.
48V Input Isolated DC/DC Converters
Isolated Telecommunication Power Systems
Distributed Power Step-Down Converters
Offline Isolated Power Supplies
Industrial Control Systems
Automotive and Heavy Equipment
600mV Reference (1.25% Over Temperature)
Wide Input Supply Range: 3V to 20V
Overshoot Control Function Prevents Output
Overshoot on Startup and Short-Circuit Recovery
High Bandwidth Error Amplifier Permits Simple Loop
Frequency Compensation
Ground-Referenced OptoCoupler Drive
10mA OptoCoupler Drive with Current Limiting
Low Profile (1mm) ThinSOTTM Package
Simplified Isolated Synchronous Forward Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
VIN
4430 TA01
+
VOUT
VCC
VCC
VIN
OPTO
GND
COMP
OC
FB
LTC3900
SYNC
CG
FG
LT4430
ISOLATION
BARRIER
LT1952
Isolated Flyback Telecom Converter
Startup with Overshoot Control
(See Schematic on Page 20)
VIN
50V/DIV
VOUT
5V/DIV
OVERSHOOT CONTROL
IMPLEMENTED
t = 5ms/DIV
4430 TA01b
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT4430ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LT4430ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Infineon Technologies A...
AUIRS1170S INFINEON-AUIRS1170S Datasheet
1,014Kb / 28P
   automotive qualified smart secondary-side driver
2016-09-03
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com