Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4430 Datasheet(PDF) 6 Page - Linear Technology

Part # LT4430
Description  Secondary-Side Optocoupler Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4430 Datasheet HTML 2Page - Linear Technology LT4430 Datasheet HTML 3Page - Linear Technology LT4430 Datasheet HTML 4Page - Linear Technology LT4430 Datasheet HTML 5Page - Linear Technology LT4430 Datasheet HTML 6Page - Linear Technology LT4430 Datasheet HTML 7Page - Linear Technology LT4430 Datasheet HTML 8Page - Linear Technology LT4430 Datasheet HTML 9Page - Linear Technology LT4430 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT4430
6
4430f
PI FU CTIO S
VIN (Pin 1): This is the input supply that powers all in-
ternal circuitry. The input supply range is 3V minimum
to 20V maximum and the typical input quiescent current
is 1.9mA. Connect a 1µF bypass capacitor directly from
VIN to GND.
GND (Pin 2): Analog Ground Pin. It is also the negative
sense terminal for the internal 0.6V reference. Connect the
external feedback divider network that terminates to ground
directly to this pin for best regulation and performance.
OC (Pin 3): Overshoot Control Pin. A typical 8.5µA current
source and a capacitor placed from this pin to GND controls
output voltage overshoot on startup and recovery from
short-circuit. The typical ramp time is (COC • 0.6V)/8.5µA.
If VIN is below VUVLO (its undervoltage lockout threshold),
the OC pin is actively held low. The OC pin also ties to the
overshoot control amplifier output. This amplifier monitors
the FB pin voltage and the error amplifier output. If FB is
low due to a short-circuit fault condition, the COMP pin
goes high. Logic detects the error amplifier COMP pin high
state and activates the overshoot control amplifier. The
amplifier responds by discharging the OC capacitor down
to the FB voltage plus a built-in offset voltage of 48mV. If
the short-circuit condition persists, the amplifier maintains
the voltage on OC. If the short-circuit condition goes away,
the FB pin recovers under the control of the OC pin.
FB (Pin 4): This is the inverting input of the error ampli-
fier. The non-inverting input is tied to the internal 0.6V
reference. Input bias current for this pin is typically 75nA
flowing out of the pin. This pin normally ties to a resistor
divider network to set output voltage. Tie the top of the
external resistor divider directly to the output voltage for
best regulation performance.
COMP (Pin 5): This is the output of the error amplifier. The
error amplifier is a true voltage-mode error amplifier and
frequency compensation is performed around the amplifier.
Typical LT4430 compensation schemes use series R-C in
parallel with C networks from the COMP pin to the FB pin.
COMP also ties to the overshoot control amplifier logic
that detects if the COMP pin is at its high clamp level. The
logic activates the overshoot control amplifier if COMP is
at its clamp level for longer than 1µs.
OPTO (Pin 6): This is the output of the amplifier that
drives the optocoupler. The opto driver amplifier uses an
inverting gain of six configuration to drive the optocoupler
referenced to ground. Driving the optocoupler referenced
to GND accommodates low output voltages and eases
loop frequency compensation as the secondary feedback
path with a traditional “431” topology is eliminated. The
opto driver amplifier sources a maximum of 10mA, sinks
350µA typically and is short-circuit protected.


Similar Part No. - LT4430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430 LINER-LT4430 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LT4430ES6 LINER-LT4430ES6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430HS6 LINER-LT4430HS6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430IS6 LINER-LT4430IS6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LT4430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Infineon Technologies A...
AUIRS1170S INFINEON-AUIRS1170S Datasheet
1,014Kb / 28P
   automotive qualified smart secondary-side driver
2016-09-03
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com