Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1779 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1779
Description  250mA Current Mode Step-Down DC/DC Converter in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1779 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1779 Datasheet HTML 3Page - Linear Technology LTC1779 Datasheet HTML 4Page - Linear Technology LTC1779 Datasheet HTML 5Page - Linear Technology LTC1779 Datasheet HTML 6Page - Linear Technology LTC1779 Datasheet HTML 7Page - Linear Technology LTC1779 Datasheet HTML 8Page - Linear Technology LTC1779 Datasheet HTML 9Page - Linear Technology LTC1779 Datasheet HTML 10Page - Linear Technology LTC1779 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1779
A smaller value than LMIN could be used in the circuit;
however, the inductor current will not be continuous
during burst periods.
RSENSE Selection for Output Current
The selection of RSENSE determines the output current
limit, the maximum possible output current before the
internal current limit threshold is reached. IOUT(MAX), the
maximum specified output current in a design, must be
less than ICL. With the current comparator monitoring the
voltage developed across RSENSE, the threshold of the
comparator determines the inductor’s peak current. The
maximum output current, ICL, the LTC1779 can provide is
given by:
IM
SF
V
R
I
CL
SENSE
RIPPLE
= 


+Ω


100
012
22
.
where SF and M are as defined in the previous section,
Figures 2 and 3. Typically, RSENSE is chosen between 0Ω
and 20
Ω. Current limit is at a minimum at minimum input
voltage and maximum at maximum input voltage. Both
conditions should be considered in a design where current
limit is important.
To calculate several current limit conditions and choose
the best sense resistor for your design, first use minimum
input voltage. Calculate the duty cycle at minimum input
voltage.
DC
V
V
OUT
IN MIN
=
()
Choose the slope factor, SF, from Figure 2 based on the
duty cycle. The ripple current calculated at minimum input
voltage and the chosen L should be used in the current
limit equation (see Inductor Value Calculation). Figure 3
provides several values of RSENSE and their corresponding
M values at different input voltages. Select the minimum
input voltage and calculate the resulting minimum current
limit settings.
The process must be repeated for maximum current limit
using duty cycle, slope factor, ripple current and mirror
ratio based on
maximum input voltage in order to choose
the best sense resistor for a particular design and to
understand how it is going to work over the entire input
voltage range.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool Mu
® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will
increase. Ferrite designs have very low core losses and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple. Do not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool Mu. Toroids are very space efficient,
especially when you can use several layers of wire.
Because they generally lack a bobbin, mounting is more
difficult. However, new designs for surface mount that do
not increase the height significantly are available.
Output Diode Selection
The catch diode carries load current during the off-time.
The average diode current is therefore dependent on the
internal P-channel switch duty cycle. At high input volt-
ages the diode conducts most of the time. As VIN ap-
proaches VOUT the diode conducts only a small fraction of
the time. The most stressful condition for the diode is
when the output is short-circuited. Under this condition
the diode must safely handle IPK at close to 100% duty
cycle. Therefore, it is important to adequately specify the
diode peak current and average power dissipation so as
not to exceed the diode ratings.
Kool Mu is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1779

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1779 LINER-LTC1779 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1779 LINER-LTC1779 Datasheet
191Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
LTC1779 LINER-LTC1779_15 Datasheet
191Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
More results

Similar Description - LTC1779

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1779 LINER-LTC1779_15 Datasheet
191Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com