Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37905F8CFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37905F8CFP
Description  16-BIT CMOS MICROCOMPUTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37905F8CFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37905F8CFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37905F8CFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
M37905F8CFP, M37905F8CSP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Som
e param
etric
limits
are
subject
to change.
16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
These are single-chip 16-bit microcomputers designed with high-per-
formance CMOS silicon gate technology, including the internal flash
memory and, being packaged in 64-pin plastic molded QFP or shrink
plastic molded DIP. These microcomputers support the 7900 Series
instruction set, which are enhanced and expanded instruction set
and are upper-compatible with the 7700/7751 Series instruction set.
The CPU of these microcomputers is a 16-bit parallel processor that
can also be switched to perform 8-bit parallel processing. Also, the
bus interface unit of these microcomputers enhances the memory
access efficiency to execute instructions fast. Therefore, these mi-
crocomputers are suitable for office, business, and industrial equip-
ment controller that require high-speed processing of large data.
Also, they are suitable for motor-control equipment since each of
them includes the motor control circuit.
For the internal flash memory, single-power-supply programming
and erasure, using a PROM programmer or the control by the cen-
tral processing unit (CPU), is supported. Also, each of these micro-
computers has the memory area dedicated for storing a certain
software which controls programming and erasure (reprogramming
control software). Therefore, on these microcomputers, the program
can easily be changed even after they are mounted on the board.
DISTINCTIVE FEATURES
<Microcomputer mode>
Number of basic machine instructions .................................... 203
Memory
Flash memory (User ROM area) ................................... 60 Kbytes
RAM ............................................................................. 3072 bytes
Flash memory (Boot ROM area) ..................................... 8 Kbytes
Instruction execution time
The fastest instruction at 20 MHz frequency ........................ 50 ns
Single power supply .................................................... 5 V ± 0.5 V
Interrupts ........... 8 external sources, 23 internal sources, 7 levels
Multi-functional 16-bit timer ................................................. 10 + 3
(Three-phase motor drive waveform or Pulse motor drive waveform
output is available.)
Serial I/O (UART or Clock synchronous) ..................................... 3
10-bit A-D converter .......................................... 12-channel inputs
8-bit D-A converter ............................................2-channel outputs
12-bit watchdog timer
Programmable input/output (ports P1, P2, P4, P5, P6, P7, P8)......50
<Flash memory mode>
Power supply voltage .................................................. 5 V ± 0.5 V
Programming/Erase voltage ........................................ 5 V ± 0.5 V
Programming method .................... Programming in a unit of word
Erase method ............................................Block erase or Total erase
M37905F8CFP, M37905F8CSP
............... 4 blocks (8 Kbytes ✕ 2, 16 Kbytes ✕ 1, 28 Kbytes ✕ 1)
Programming/Erase control by software command
Maximum number of reprograms ............................................ 100
APPLICATION
Control devices for office equipment such as copiers and facsimiles
Control devices for industrial equipment such as communication
and measuring instruments
Control devices for equipment, requiring motor control, such as
inverter air conditioners and general-purpose inverters


Similar Part No. - M37905F8CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37905F8CFP RENESAS-M37905F8CFP Datasheet
489Kb / 35P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37905F8CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com