Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5534ETC Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5534ETC
Description  Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5534ETC Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5534ETC Datasheet HTML 1Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 2Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 3Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 4Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 5Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 6Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 7Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 8Page - Maxim Integrated Products MAX5534ETC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Dual, Ultra-Low-Power,
12-Bit, Voltage-Output DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.8V to +5.5V, OUT_ unloaded, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain-Error Temperature
Coefficient
±4
ppm/°C
Power-Supply Rejection Ratio
PSRR
1.8V ≤ VDD ≤ 5.5V
85
dB
REFERENCE INPUT (MAX5532/MAX5534)
Reference-Input Voltage Range
VREFIN
0VDD
V
Normal operation
4.1
MΩ
Reference-Input Impedance
RREFIN
In shutdown
2.5
GΩ
REFERENCE OUTPUT (MAX5533/MAX5535)
No external load, VDD = 1.8V
1.197
1.214
1.231
No external load, VDD = 2.5V
1.913
1.940
1.967
No external load, VDD = 3V
2.391
2.425
2.459
Initial Accuracy
VREFOUT
No external load, VDD = 5V
3.828
3.885
3.941
V
Output-Voltage Temperature
Coefficient
VTEMPCO
TA = -40°C to +85°C (Note 4)
12
30
ppm/°C
Line Regulation
VREFOUT < VDD - 200mV (Note 5)
2
200
µV/V
0 ≤ IREFOUT ≤ 1mA, sourcing, VDD = 1.8V,
VREF = 1.2V
0.3
2
0 ≤ IREFOUT ≤ 8mA, sourcing, VDD = 5V,
VREF = 3.9V
0.3
2
Load Regulation
-150µA ≤ IREFOUT ≤ 0, sinking
0.2
µV/µA
0.1Hz to 10Hz, VREF = 3.9V
150
10Hz to 10kHz, VREF = 3.9V
600
0.1Hz to 10Hz, VREF = 1.2V
50
Output Noise Voltage
10Hz to 10kHz, VREF = 1.2V
450
µVP-P
VDD = 5V
30
Short-Circuit Current (Note 6)
VDD = 1.8V
14
mA
Capacitive Load Stability Range
(Note 7)
0 to 10
nF
Thermal Hysteresis
(Note 8)
200
ppm
REFOUT unloaded, VDD = 5V
5.4
Reference Power-Up Time
(from Shutdown)
REFOUT unloaded, VDD = 1.8V
4.4
ms
Long-Term Stability
200
ppm/
1khrs


Similar Part No. - MAX5534ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5534ETC MAXIM-MAX5534ETC Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results

Similar Description - MAX5534ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com