Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5535ETC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5535ETC
Description  Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5535ETC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5535ETC Datasheet HTML 2Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 3Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 4Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 5Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 6Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 7Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 8Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 9Page - Maxim Integrated Products MAX5535ETC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Dual, Ultra-Low-Power,
12-Bit, Voltage-Output DACs
6
_______________________________________________________________________________________
Note 1: Linearity is tested within codes 96 to 4080.
Note 2: Offset is tested at code 96.
Note 3: Gain is tested at code 4095. For the MAX5534/MAX5535, FB_ is connected to its respective OUT_.
Note 4: Guaranteed by design. Not production tested.
Note 5: VDD must be a minimum of 1.8V.
Note 6: Outputs can be shorted to VDD or GND indefinitely, provided that package power dissipation is not exceeded.
Note 7: Optimal noise performance is at 2nF load capacitance.
Note 8: Thermal hysteresis is defined as the change in the initial +25°C output voltage after cycling the device from TMAX to TMIN.
Note 9: All digital inputs at VDD or GND.
Note 10: Load = 10kΩ in parallel with 100pF, VDD = 5V, VREF = 4.096V (MAX5532/MAX5534) or VREF = 3.9V (MAX5533/MAX5535).
TIMING CHARACTERISTICS
(VDD = +1.8V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (VDD = 1.8V to 5.5V )
Serial Clock Frequency
fSCLK
010
MHz
DIN to SCLK Rise Setup Time
tDS
24
ns
DIN to SCLK Rise Hold Time
tDH
0ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
CS Pulse-Width High
tCSW
150
ns
SCLK Rise to
CS Rise Hold Time
tCSH
0ns
CS Fall to SCLK Rise Setup Time
tCSS
30
ns
SCLK Fall to
CS Fall Setup
tCSO
0ns
CS Rise to SCK Rise Hold Time
tCS1
30
ns


Similar Part No. - MAX5535ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5535ETC MAXIM-MAX5535ETC Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results

Similar Description - MAX5535ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com