Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5535 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5535
Description  Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5535 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5535 Datasheet HTML 5Page - Maxim Integrated Products MAX5535 Datasheet HTML 6Page - Maxim Integrated Products MAX5535 Datasheet HTML 7Page - Maxim Integrated Products MAX5535 Datasheet HTML 8Page - Maxim Integrated Products MAX5535 Datasheet HTML 9Page - Maxim Integrated Products MAX5535 Datasheet HTML 10Page - Maxim Integrated Products MAX5535 Datasheet HTML 11Page - Maxim Integrated Products MAX5535 Datasheet HTML 12Page - Maxim Integrated Products MAX5535 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Operating Characteristics (continued)
(VDD = 5.0V, VREF = 4.096V (MAX5532/MAX5534), VREF = 3.9V (MAX5533/MAX5535), TA = +25°C, unless otherwise noted.)
Dual, Ultra-Low-Power,
12-Bit, Voltage-Output DACs
_______________________________________________________________________________________
9
DAC OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
10
1
0.100
0.010
1
2
3
4
5
0
0.001
100
VREF = VDD
CODE = MIDSCALE
VDD = 5V
VDD = 3V
VDD = 1.8V
DAC OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
10
1
0.1
0.01
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.001
100
VREF = VDD
CODE = MIDSCALE
VDD = 5V
VDD = 3V
VDD = 1.8V
OUTPUT LARGE-SIGNAL STEP RESPONSE
(VDD = 1.8V, VREF = 1.2V)
MAX5532 toc21
100µs/div
VOUT
200mV/div
OUTPUT LARGE-SIGNAL STEP RESPONSE
(VDD = 5V, VREF = 3.9V)
MAX5532 toc22
200µs/div
VOUT
500mV/div
OUTPUT MINIMUM SERIES RESISTANCE
vs. LOAD CAPACITANCE
CAPACITANCE (µF)
10
1
0.1
0.01
0.001
100
200
300
400
500
600
0
0.0001
100
FOR NO OVERSHOOT
POWER-UP OUTPUT VOLTAGE GLITCH
MAX5532 toc24
20ms/div
VOUT
10mV/div
VDD
2V/div
MAJOR CARRY OUTPUT VOLTAGE GLITCH
(CODE 7FFh TO 800h)
(VDD = 5V, VREF = 3.9V)
MAX5532 toc25
100µs/div
VOUT
AC-COUPLED
5mV/div
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
25
-15
10
3.905
3.910
3.915
3.920
3.925
3.930
3.935
3.940
3.900
-40
85
VDD = 5V
REFERENCE OUTPUT VOLTAGE
vs. REFERENCE OUTPUT CURRENT
REFERENCE OUTPUT CURRENT (µA)
7500
5500
3500
1500
1.215
1.216
1.217
1.218
1.219
1.220
1.214
-500
VDD = 1.8V


Similar Part No. - MAX5535

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5535 MAXIM-MAX5535 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5535ETC MAXIM-MAX5535ETC Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5535EVKIT MAXIM-MAX5535EVKIT Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
More results

Similar Description - MAX5535

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com