Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP224FA Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100LVEP224FA
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP224FA Datasheet(HTML) 4 Page - ON Semiconductor

  NB100LVEP224FA Datasheet HTML 1Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 2Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 3Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 4Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 5Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 6Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 7Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 8Page - ON Semiconductor NB100LVEP224FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB100LVEP224
http://onsemi.com
4
LVPECL DC CHARACTERISTICS VCC = 2.5 V; VEE = 0 V (Note 3)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
130
160
195
135
165
200
140
165
205
mA
VOH
Output HIGH Voltage (Note 8)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 8)
555
680
900
555
680
900
555
680
900
mV
VIH
Input HIGH Voltage (Single-Ended)
(Note 9)
1335
1620
1335
1620
1275
1620
mV
VIL
Input LOW Voltage (Single-Ended)
(Note 9)
555
900
555
900
555
900
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 10)
CLK/CLK
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
-150
0.5
-150
0.5
-150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is
maintained.
3. Input and output parameters vary 1:1 with VCC. VEE can vary + 0.125 V to -1.3 V.
4. All outputs loaded with 50
W to VCC - 2.0 V.
5. Do not use VBB at VCC < 3.0 V.
6. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
LVPECL DC CHARACTERISTICS VCC = 3.3 V; VEE = 0 V (Note 7)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
140
165
195
145
175
205
145
175
210
mA
VOH
Output HIGH Voltage (Note 8)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 8)
1355
1480
1700
1355
1480
1700
1355
1480
1700
mV
VIH
Input HIGH Voltage (Single-Ended)
(Note 9)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single-Ended)
(Note 9)
1355
1700
1355
1700
1355
1700
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 10) (Figure
5)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
-150
0.5
-150
0.5
-150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.925 V to -0.5 V.
8. All outputs loaded with 50
W to VCC - 2.0 V.
9. Single ended input operation is limited VCC ≥ 3.0 V in LVPECL mode.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP224FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224FA ONSEMI-NB100LVEP224FA Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
NB100LVEP224FAG ONSEMI-NB100LVEP224FAG Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
NB100LVEP224FAR2 ONSEMI-NB100LVEP224FAR2 Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
NB100LVEP224FARG ONSEMI-NB100LVEP224FARG Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
More results

Similar Description - NB100LVEP224FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224_06 Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
ON Semiconductor
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com