Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR20D201K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GNR20D201K
Description  VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GNR20D201K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GNR20D201K Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR20D201K Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR20D201K Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR20D201K Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR20D201K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPE
GNR20D□□□
□□□
□□□
□□□K
MODEL
PAGE
2/5
CITATION
DATE
Oct. 05, 2001
SUBJECT
QUALITY APPROVAL and STRUCTURE
REV.
B01
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. SAFETY STANDARDS APPROVAL
Standard No.
UL 1414
UL 1449
UL 497B
CUL
CSA C22.2 No.1
VDE 42000
File No.
E181368
E166389
E187844
E166389
LR105317
5938
180K〜680K
Approved
Approved
820K〜181K
Approved
Approved
Approved
Approved
201K〜471K
Approved
Approved
Approved
Approved
Approved
Approved
511K
Approved
Approved
Approved
Approved
561K〜821K
Approved
Approved
Approved
Approved
Approved
911K〜112K
Approved
182K
3. STRUCTURE
NO.
ITEM
DESCRIPTION
3.1
Main Material
Zinc Oxide
3.2
Coating Material
Epoxy Resin
3.3
Marking
GNR, Part number, UL, CSA(or CUL) and VDE recognized component
mark, Date code
3.4
Appearance
Without dirt and crack, marking should be clear
D(max.)
23.0
H(max.)
26.5
T(max.)
*(1)
F
10.0± 1.0
ψd1.0± 0.1
L(min.)
25.0
k(max.)
3.0
3.5
Dimensions
Unit: mm
*(1) See Page 3, Dimensions Table


Similar Part No. - GNR20D201K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR20D201K CERAMATE-GNR20D201K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
List of Unclassifed Man...
GNR20D201K4 ETC1-GNR20D201K4 Datasheet
171Kb / 6P
   Catalog number system
logo
Ceramate Technical
GNR20D201KA CERAMATE-GNR20D201KA Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
List of Unclassifed Man...
GNR20D201KA ETC1-GNR20D201KA Datasheet
171Kb / 6P
   Catalog number system
GNR20D201KC ETC1-GNR20D201KC Datasheet
171Kb / 6P
   Catalog number system
More results

Similar Description - GNR20D201K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
logo
Ceramate Technical
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
   Varistor
VRYA15 SHINDENGEN-VRYA15 Datasheet
320Kb / 7P
   Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com