Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54073 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54073
Description  2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54073 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54073 Datasheet HTML 1Page - Texas Instruments TPS54073 Datasheet HTML 2Page - Texas Instruments TPS54073 Datasheet HTML 3Page - Texas Instruments TPS54073 Datasheet HTML 4Page - Texas Instruments TPS54073 Datasheet HTML 5Page - Texas Instruments TPS54073 Datasheet HTML 6Page - Texas Instruments TPS54073 Datasheet HTML 7Page - Texas Instruments TPS54073 Datasheet HTML 8Page - Texas Instruments TPS54073 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
SYNC
SS/ENA
VBIAS
VIN
PVIN
PVIN
PVIN
PVIN
PGND
PGND
PGND
PGND
PGND
THERMAL
PAD
TPS54073
SLVS547 – FEBRUARY 2005
PWP PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
PIN NAME
PIN NUMBER
DESCRIPTION
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, and
AGND
1
RT resistor. If using the PowerPAD, connect it to AGND. See the Application Information section for
details.
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating
BOOT
5
drive for the high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large
15, 16, 17, 18,
PGND
copper areas to the input and output supply returns, and negative terminals of the input and output
19
capacitors. A single point connection to AGND is recommended.
PH
6-14
Phase output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
Input supply for the power MOSFET switches and internal bias regulator. Bypass the PVIN pins to the
PVIN
20, 21, 22, 23
PGND pins close to device package with a high-quality, low-ESR 10-µF ceramic capacitor.
Power-good open-drain output. High when VSENSE > 90% Vref, otherwise PWRGD is low. Note that
PWRGD
4
output is low when SS/ENA is low or the internal shutdown signal is active.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
Slow-start/enable input/output. Dual function pin which provides logic input to enable/disable device
SS/ENA
26
operation and capacitor input to externally set the start-up time.
Synchronization input. Dual function pin which provides logic input to synchronize to an external oscillator
SYNC
27
or pin select between two internally set switching frequencies. When used to synchronize to an external
signal, a resistor must be connected to the RT pin.
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND
VBIAS
25
pin with a high-quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
Input supply for the internal control circuits. Bypass the VIN pin to the PGND pins close to device package
VIN
24
with a high-quality, low-ESR 1-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect to output voltage compensation network/output divider.
5


Similar Part No. - TPS54073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073 TI-TPS54073 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54073 TI1-TPS54073 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWP TI1-TPS54073PWP Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPG4 TI1-TPS54073PWPG4 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPR TI1-TPS54073PWPR Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073 TI1-TPS54073_16 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com