Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5635 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQ5635
Description  3 V PCS LNA/Mixer Receiver IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5635 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQ5635 Datasheet HTML 3Page - TriQuint Semiconductor TQ5635 Datasheet HTML 4Page - TriQuint Semiconductor TQ5635 Datasheet HTML 5Page - TriQuint Semiconductor TQ5635 Datasheet HTML 6Page - TriQuint Semiconductor TQ5635 Datasheet HTML 7Page - TriQuint Semiconductor TQ5635 Datasheet HTML 8Page - TriQuint Semiconductor TQ5635 Datasheet HTML 9Page - TriQuint Semiconductor TQ5635 Datasheet HTML 10Page - TriQuint Semiconductor TQ5635 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TQ5635
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
7
CDMA KPCS Band Typical Mixer Performance
Test Conditions (Unless Otherwise Specified): Vdd=+2.8V, Tc=+25C, RF = 1852MHz, LO = 1635MHz, I F = 220MHz, LO input = -
4dBm
Gain vs Vdd vs Temperature
7
8
9
10
11
12
13
2.5
2.7
2.9
3.1
3.3
3.5
3.7
Vdd (V)
-40C
25C
85C
Gain vs Vdd vs Frequency
8
8.5
9
9.5
10
10.5
11
1830
1840
1850
1860
1870
1880
RF Freq (MHz)
2_7V
2_8V
3_5V
3V
Gain vs Temperature vs Frequency
7
8
9
10
11
12
13
1830
1840
1850
1860
1870
1880
RF Freq (MHz)
-40C
25C
85C
Conversion Gain vs LO vs Freq
8
8.5
9
9.5
10
1830
1840
1850
1860
1870
1880
RF Freq (MHz)
-1dBm
-4dBm
-7dBm
Input IP3 vs Vdd vs Temperature
8
9
10
11
12
13
14
2.5
2.7
2.9
3.1
3.3
3.5
3.7
Vdd (V)
-40C
25C
85C
Input IP3 vs Temp vs Frequency
7
8
9
10
11
12
13
14
1830
1840
1850
1860
1870
1880
RF Freq (MHz)
-40C
25C
85C


Similar Part No. - TQ5635

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results

Similar Description - TQ5635

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5622 TRIQUINT-TQ5622 Datasheet
80Kb / 9P
   3V PCS Receiver IC With Power- Down
logo
Analog Devices
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com