Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0680-001 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0680-001
Description  Low Cost Digital Camera (LCDC) Chipset
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680-001 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0680-001 Datasheet HTML 4Page - STMicroelectronics STV0680-001 Datasheet HTML 5Page - STMicroelectronics STV0680-001 Datasheet HTML 6Page - STMicroelectronics STV0680-001 Datasheet HTML 7Page - STMicroelectronics STV0680-001 Datasheet HTML 8Page - STMicroelectronics STV0680-001 Datasheet HTML 9Page - STMicroelectronics STV0680-001 Datasheet HTML 10Page - STMicroelectronics STV0680-001 Datasheet HTML 11Page - STMicroelectronics STV0680-001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
8
STV0680F_contents.fm
1.3
Sensor choices
The following sensors are supported:
1.4
Key system features
The key features of a typical camera based on the STV0680A chipset are as follows:
1.4.1
Image features (STV0680A-002)
Support for 5V or 3.3V CIF resolution sensor (VV6444 or VV6410) - 352 x 288 pixels
Support for 3.3V VGA resolution sensor (VV6500) - 640 x 480 pixels
80 picture storage capacity possible for CIF, with 64MB memory
26 picture storage capacity for VGA, with 64MBit memory
A greater number of images can be stored when ‘Low’ resolution mode is enabled (e.g. 80 QCIF images with 16Mbit memory,
106 QVGA images with 64Mbit memory). See Table 4 and Table 5.
Automatic anti-flicker exposure and gain control
1.4.2
Image features (STV0680-001)
Supports 5V CIF resolution sensor (VV6444) - 352 x 288 pixels.
20 picture storage capacity possible for CIF with 16MB memory.
80 picture storage capacity possible for QCIF with 16MB memory.
Automatic anti-flicker exposure and gain control
1.4.3
User features on camera
Self-timer mode allows a picture to be captured after several seconds.
Twin 7 segment LCD panel supported - showing number of pictures left, and modes.
Picture counter helps the user to know how much memory is left.
Un-tethered ‘Continuous’ mode allows capture of image sequences for storage in memory and subsequent download to PC.
Piezo buzzer indicates a number of useful events to the user, e.g. whether enough light is present for picture capture, etc.
Indicator LED.
1.4.4
User features on PC software
PC software allows a number of features, including fast download of thumbnail images for picture selection, and automatic
detection and correction of sensor defects. Table 3 clarifies the driver compatibility available, including:
TWAIN driver to suit all TWAIN compatible imaging applications
Video for Windows driver for tethered video mode (through USB), available at all resolutions, with fastest framerates at QCIF
resolution
Sensor
Resolution
Sensor supply
voltage
VV6444
CIF (352 x 288)
5v
VV6410
3.3v
VV6500
VGA (640 x 480)
Table 2 : Sensor choices with STV0680/STV0680A


Similar Part No. - STV0680-001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0680 STMICROELECTRONICS-STV0680 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B-001 STMICROELECTRONICS-STV0680B-001 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B-001 STMICROELECTRONICS-STV0680B-001 Datasheet
1Mb / 105P
   Mono and Colour Digital Video CMOS Image Sensors
STV0680B-003 STMICROELECTRONICS-STV0680B-003 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
More results

Similar Description - STV0680-001

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com