Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W312-02H Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W312-02H
Description  FTG for VIA K7 Series Chipset with Programmable Output Frequency
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W312-02H Datasheet(HTML) 2 Page - Cypress Semiconductor

  W312-02H Datasheet HTML 1Page - Cypress Semiconductor W312-02H Datasheet HTML 2Page - Cypress Semiconductor W312-02H Datasheet HTML 3Page - Cypress Semiconductor W312-02H Datasheet HTML 4Page - Cypress Semiconductor W312-02H Datasheet HTML 5Page - Cypress Semiconductor W312-02H Datasheet HTML 6Page - Cypress Semiconductor W312-02H Datasheet HTML 7Page - Cypress Semiconductor W312-02H Datasheet HTML 8Page - Cypress Semiconductor W312-02H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
W312-02
Document #: 38-07259 Rev. *B
Page 2 of 21
I
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
REF0/FS0
48
I/O
Reference Clock Output 0/Frequency Select 0: 3.3V 14.318-MHz clock out-
put. REF0 will be disabled when REF_STOP# is active. This pin also serves
as the select strap to determines device operating frequency as described in
Table 4.
REF1/FS1
47
I/O
Reference Clock Output 0/Frequency Select 1: 3.3V 14.318-MHz clock out-
put. REF1 will be disabled when REF_STOP# is active. This pin also serves
as the select strap to determines device operating frequency as described in
Table 4.
REF2
46
I/O
Reference Clock Output 2: 3.3V 14.318-MHz clock output. REF2 will be dis-
abled when REF_STOP# is active.
X1
3
I
Crystal Input: This pin has dual functions. It can be used as an external
14.318-MHz crystal connection or as an external reference frequency input.
X2
4
I
Crystal Output: An input connection for an external 14.318-MHz crystal con-
nection. If using an external reference, this pin must be left unconnected.
PCI_F/FS4
9
I
Free-Running PCI Clock/Frequency Select 4: 3.3V 33-MHz free running PCI
clock output. This pin also serves as the select strap to determines device
operating frequency as described in Table 4.
PCI_0/SEL24_48#
10
I/O
PCI Clock 0/Select 24 or 48 MHz: 3.3V 33-MHz PCI clock outputs. This output
will be disabled when PCI_STOP# is active. This pin also serves as the select
strap to determine device operating frequency of 24_48MHz output.
PCI1:8
11, 13, 14, 16,
17, 18, 20, 21
O
PCI Clock 1 through 8: 3.3V 33-MHz PCI clock outputs. PCI1:8 will be dis-
abled when PCI_STOP# is active.
PCI9_E
22
O
Early PCI Clock 9: 3.3V 33-MHz PCI clock outputs. PCI9_E will be disabled
when PCI_STOP# is active.
AGP0:2
26, 27, 28
O
AGP Clock 0 through 2: 3.3V 66-MHz clock outputs. The operating frequency
is controlled by FS0:4 (see Table 4). AGP0:2 will be disabled when
AGP_STOP# is active.
48MHz/FS2
6
I/O
48-MHz Output/Frequency Selection 3: 3.3V 48-MHz non-spread spectrum
output. 48MHz will be disabled when REF_STOP# is active. This pin also
serves as the select strap to determine device operating frequency as de-
scribed in Table 4.
24_48MHz/FS3
7
I/O
24 or 48-MHz Output/Select 24 or 48 MHz: 3.3V 24 or 48-MHz non-spread
spectrum output. 24_48MHz will be disabled when REF_STOP# is active. This
pin also serves as the select strap to determine device operating frequency as
described in Table 4.
RST#
24
O
(open-
drain)
Reset#: Open-drain RESET# output.
CPUT0, CPUC0
42, 41
O
(open-
drain)
CPU Clock Output 0: CPUT0 and CPUC0 are the differential CPU clock out-
puts for the K7 processor. They are open-drain outputs.
CPUT_CS,
CPUC_CS
39, 38
O
CPU Clock Output for Chipset: CPUT_CS and CPUC_CS are the differential
CPU clock outputs for the chipset. They are push-pull outputs. These outputs
will be disabled when CPU_STOP# is active.
CPU_STOP#
36
I
CPU STOP Input: This input will disable CPUT_CS and CPUC_CS when it is
active.
PCI_STOP#
35
I
PCI STOP Input: This input will disable PCI0:8 and PCI9_E when it is active.
AGP_STOP#
44
I
AGP STOP Input: This input will disable AGP0:2 when it is active.
REF_STOP#
45
I
REF STOP Input: This input will disable REF0:2, 24_48MHz and 48 MHz
outputs when it is active.


Similar Part No. - W312-02H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W312-02H SPECTRALINEAR-W312-02H Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02H CYPRESS-W312-02H Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
SpectraLinear Inc
W312-02HT SPECTRALINEAR-W312-02HT Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02HT CYPRESS-W312-02HT Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Similar Description - W312-02H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02_05 Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com